Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC6989 Datasheet(PDF) 32 Page - Texas Instruments

Part # TLC6989
Description  TLC6989 SPI-Compatible Connectivity for TLC698x Device Family
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC6989 Datasheet(HTML) 32 Page - Texas Instruments

Back Button TLC6989 Datasheet HTML 28Page - Texas Instruments TLC6989 Datasheet HTML 29Page - Texas Instruments TLC6989 Datasheet HTML 30Page - Texas Instruments TLC6989 Datasheet HTML 31Page - Texas Instruments TLC6989 Datasheet HTML 32Page - Texas Instruments TLC6989 Datasheet HTML 33Page - Texas Instruments TLC6989 Datasheet HTML 34Page - Texas Instruments TLC6989 Datasheet HTML 35Page - Texas Instruments TLC6989 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 72 page
background image
REG_RD (Register Read command)
Return to the SPI Command Table
The REG_RD command is used to read the internal registers of the TLC6989 device. The command includes a
field to indicate the address of the first register to be read. Even when the received CRC does not match with
the calculated CRC over the command word, the device returns the requested number of register words and
the CRC calculated over the register words. When the received CRC does not match the calculated CRC over
the command word, the FAULT pin is pulled low (when not masked) and the flag FLAG_SPI_CRC is set. An
example of REG_RD command reading 3 registers is depicted in Figure 7-21.
SDI
SDO
SOUT
0xD202
CRC0
CRC1
CCSIST
TXFFST
RXFFST
Figure 7-21. Example of REG_RD command
SOFTRESET_CRC (Softreset CRC command)
Return to the SPI Command Table
The SOFTRESET_CRC command is used to reset all internal registers to the default values and synchronize the
CCSI controller and peripheral. The command is executed when:
• The received CRC matches with the calculated CRC over the command word, and
• The CCSI controller is not transmitting
The CRC value for the SOFTRESET_CRC command using CCITT-FALSE algorithm is 0xD383 and when using
CRC-16/XMODEM algorithm 0xCE8C.
With a reset of all the internal registers, most of the fault flags that were previously set, are cleared.
Only FLAG_POR and FLAG_ERR are reset to HIGH. In addition, all data stored on the RXFIFO becomes
inaccessible. If there are CCSI commands in the LED daisy chain that have not been received yet by the
CCSI peripheral, the CCSI CRC diagnostics cannot be checked anymore because the calculated CRC values
have been cleared for the purpose of synchronization between the CCSI controller and CCSI peripheral. TI
recommends to transmit the same number of END bytes as the number of LED drivers in the daisy chain
after transmitting the SOFTRESET_CRC command. This clears any already transmitted CCSI command and
therefore keeps the synchronization. When the device is in FAILSAFE mode, the SOFTRESET_CRC command
brings the device to NORMAL mode. An unsuccessful SOFTRESET_CRC command is recorded in the bit
FLAG_SRST in the STATUS register. An example of SOFTRESET_CRC command is depicted in Figure 7-22.
SDI
SDO
SOUT
0xE1E1
CRC0
STATUS
CRC1
Figure 7-22. Example of SOFTRESET_CRC command
TLC6989
SLVSHF5 – NOVEMBER 2024
www.ti.com
32
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TLC6989



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com