Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC6989 Datasheet(PDF) 48 Page - Texas Instruments

Part # TLC6989
Description  TLC6989 SPI-Compatible Connectivity for TLC698x Device Family
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC6989 Datasheet(HTML) 48 Page - Texas Instruments

Back Button TLC6989 Datasheet HTML 44Page - Texas Instruments TLC6989 Datasheet HTML 45Page - Texas Instruments TLC6989 Datasheet HTML 46Page - Texas Instruments TLC6989 Datasheet HTML 47Page - Texas Instruments TLC6989 Datasheet HTML 48Page - Texas Instruments TLC6989 Datasheet HTML 49Page - Texas Instruments TLC6989 Datasheet HTML 50Page - Texas Instruments TLC6989 Datasheet HTML 51Page - Texas Instruments TLC6989 Datasheet HTML 52Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 72 page
background image
8.2.2.1 Programming Procedure
Figure 8-2 depicts a typical device programming flow. The flow is similar to the TLC698x device family with
several additional initialization steps to configure the TLC6989. After power up VCC and waiting until the device
is in Normal state (which means that the OTP CRC is correct), the TLC6989 is initialized and the FLAG_POR
has to be cleared (by setting CLR_FLAG) to allow forwarding of commands. Afterwards, the commands can be
forwarded to the TLC698x daisy chain.
Begin
Power Supply
Forward Write Chip Index
Forward Write SRAM
Forward Write FC Registers
Con gure the
register during
sending data
Forward Write VSYNC
Forward Read
Chip Index/FC/LOD/LSD
Read registers
during each
me of the
frame
Write next
frame SRAM
Data in normal
opera on
Wait for the end of current
frame
Write TLC6989 ini al register
se ng
Write CLR_FLAG
Wait DEV_STATE is NORMAL
Figure 8-2. Programming Procedure
TLC6989
SLVSHF5 – NOVEMBER 2024
www.ti.com
48
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TLC6989



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com