Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EN25B32-100VIP Datasheet(PDF) 28 Page - Eon Silicon Solution Inc.

Part # EN25B32-100VIP
Description  32 Mbit Serial Flash Memory with Boot and Parameter Sectors
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EON [Eon Silicon Solution Inc.]
Direct Link  http://www.essi.com.tw
Logo EON - Eon Silicon Solution Inc.

EN25B32-100VIP Datasheet(HTML) 28 Page - Eon Silicon Solution Inc.

Back Button EN25B32-100VIP Datasheet HTML 24Page - Eon Silicon Solution Inc. EN25B32-100VIP Datasheet HTML 25Page - Eon Silicon Solution Inc. EN25B32-100VIP Datasheet HTML 26Page - Eon Silicon Solution Inc. EN25B32-100VIP Datasheet HTML 27Page - Eon Silicon Solution Inc. EN25B32-100VIP Datasheet HTML 28Page - Eon Silicon Solution Inc. EN25B32-100VIP Datasheet HTML 29Page - Eon Silicon Solution Inc. EN25B32-100VIP Datasheet HTML 30Page - Eon Silicon Solution Inc. EN25B32-100VIP Datasheet HTML 31Page - Eon Silicon Solution Inc. EN25B32-100VIP Datasheet HTML 32Page - Eon Silicon Solution Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 38 page
background image
This Data Sheet may be revised by subsequent versions
©2004 Eon Silicon Solution, Inc., www.essi.com.tw
or modifications due to changes in technical specifications.
28
EN25B32
Rev. C, Issue Date: 2007/06/21
(Ta = 0°C to 70°C or – 40°C to 85°C; VCC = 3.0-3.6V)
Symbol
Alt
Parameter
Min
Typ
Max
Unit
F
R
f
C
Serial Clock Frequency for:
FAST_READ, PP, SE, BE, DP, RES, WREN,
WRDI, RDSR, WRSR
D.C.
100
MHz
f
R
Serial Clock Frequency READ instruction
D.C.
66
MHz
t
CLH
1
Serial Clock High Time
4
ns
t
CLL
1
Serial Clock Low Time
4
ns
t
CLCH
2
Serial Clock Rise Time (Slew Rate)
0.1
V / ns
t
CHCL
2
Serial Clock Fall Time (Slew Rate)
0.1
V / ns
t
SLCH
t
CSS
CS# Active Setup Time
5
ns
t
CHSH
CS# Active Hold Time
5
ns
t
SHCH
CS# Not Active Setup Time
5
ns
t
CHSL
CS# Not Active Hold Time
5
ns
t
SHSL
t
CSH
CS# High Time
100
ns
t
SHQZ
2
t
DIS
Output Disable Time
6
ns
t
CLQX
t
HO
Output Hold Time
0
ns
t
DVCH
t
DSU
Data In Setup Time
2
ns
t
CHDX
t
DH
Data In Hold Time
5
ns
t
HLCH
HOLD# Low Setup Time ( relative to SCK )
5
ns
t
HHCH
HOLD# High Setup Time ( relative to SCK )
5
ns
t
CHHH
HOLD# Low Hold Time ( relative to SCK )
5
ns
t
CHHL
HOLD# High Hold Time ( relative to SCK )
5
ns
t
HLQZ
2
t
HZ
HOLD# Low to High-Z Output
6
ns
t
HHQZ
2
t
LZ
HOLD# High to Low-Z Output
6
ns
t
CLQV
t
V
Output Valid from SCK
9
ns
t
WHSL
3
Write Protect Setup Time before CS# Low
20
ns
t
SHWL
3
Write Protect Hold Time after CS# High
100
ns
t
DP
2
CS# High to Deep Power-down Mode
3
µs
t
RES1
2
CS# High to Standby Mode without Electronic
Signature read
3
µs
t
RES2
2
CS# High to Standby Mode with Electronic
Signature read
1.8
µs
t
W
Write Status Register Cycle Time
10
15
ms
t
PP
Page Programming Time
1.5
5
ms
t
SE
Sector Erase Time 64KB sectors
Sector Erase Time 16KB sectors
Sector Erase Time 4KB sectors
0.8
0.5
0.3
2
1
0.6
s
t
BE
Bulk Erase Time
25
50
s
Note: 1. T
SCKH + TSCKL must be greater than or equal to 1/ FCLK
2. Value guaranteed by characterization, not 100% tested in production.
3. Only applicable as a constraint for a Write status Register instruction when Sector Protect Bit is set at 1.
4. VCC = 3.0-3.6V for 100MHz operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com