Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EN25B32-100VIP Datasheet(PDF) 36 Page - Eon Silicon Solution Inc.

Part # EN25B32-100VIP
Description  32 Mbit Serial Flash Memory with Boot and Parameter Sectors
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EON [Eon Silicon Solution Inc.]
Direct Link  http://www.essi.com.tw
Logo EON - Eon Silicon Solution Inc.

EN25B32-100VIP Datasheet(HTML) 36 Page - Eon Silicon Solution Inc.

Back Button EN25B32-100VIP Datasheet HTML 30Page - Eon Silicon Solution Inc. EN25B32-100VIP Datasheet HTML 31Page - Eon Silicon Solution Inc. EN25B32-100VIP Datasheet HTML 32Page - Eon Silicon Solution Inc. EN25B32-100VIP Datasheet HTML 33Page - Eon Silicon Solution Inc. EN25B32-100VIP Datasheet HTML 34Page - Eon Silicon Solution Inc. EN25B32-100VIP Datasheet HTML 35Page - Eon Silicon Solution Inc. EN25B32-100VIP Datasheet HTML 36Page - Eon Silicon Solution Inc. EN25B32-100VIP Datasheet HTML 37Page - Eon Silicon Solution Inc. EN25B32-100VIP Datasheet HTML 38Page - Eon Silicon Solution Inc.  
Zoom Inzoom in Zoom Outzoom out
 36 / 38 page
background image
This Data Sheet may be revised by subsequent versions
©2004 Eon Silicon Solution, Inc., www.essi.com.tw
or modifications due to changes in technical specifications.
36
EN25B32
Rev. C, Issue Date: 2007/06/21
Figure 28. 16 LEAD SOP 300 mil
MIN.
NOR
MAX
A
- - -
- - -
2.65
A1
0.10
0.20
0.30
A2
2.25
- - -
2.40
C
0.20
0.25
0.30
D
10.10
10.30
10.50
E
10.00
- - -
10.65
E1
7.40
7.50
7.60
e
- - -
1.27
- - -
b
0.31
- - -
0.51
L0.4
- - -
1.27
θ
0
0
5
0
8
0
Note : 1. Coplanarity: 0.1 mm
SYMBOL
DIMENSION IN MM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com