Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EN25B32T-75VIP Datasheet(PDF) 5 Page - Eon Silicon Solution Inc.

Part # EN25B32T-75VIP
Description  32 Mbit Serial Flash Memory with Boot and Parameter Sectors
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EON [Eon Silicon Solution Inc.]
Direct Link  http://www.essi.com.tw
Logo EON - Eon Silicon Solution Inc.

EN25B32T-75VIP Datasheet(HTML) 5 Page - Eon Silicon Solution Inc.

  EN25B32T-75VIP Datasheet HTML 1Page - Eon Silicon Solution Inc. EN25B32T-75VIP Datasheet HTML 2Page - Eon Silicon Solution Inc. EN25B32T-75VIP Datasheet HTML 3Page - Eon Silicon Solution Inc. EN25B32T-75VIP Datasheet HTML 4Page - Eon Silicon Solution Inc. EN25B32T-75VIP Datasheet HTML 5Page - Eon Silicon Solution Inc. EN25B32T-75VIP Datasheet HTML 6Page - Eon Silicon Solution Inc. EN25B32T-75VIP Datasheet HTML 7Page - Eon Silicon Solution Inc. EN25B32T-75VIP Datasheet HTML 8Page - Eon Silicon Solution Inc. EN25B32T-75VIP Datasheet HTML 9Page - Eon Silicon Solution Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 38 page
background image
This Data Sheet may be revised by subsequent versions
©2004 Eon Silicon Solution, Inc., www.essi.com.tw
or modifications due to changes in technical specifications.
5
EN25B32
Rev. C, Issue Date: 2007/06/21
MEMORY ORGANIZATION
The memory is organized as:
4,194,304 bytes
Flexible Sector Architecture
Two 4-Kbyte, one 8-Kbyte, one 16-Kbyte,one 32-Kbyte, and sixty three 64-Kbyte sectors
Bottom or top boot configurations
16384 pages (256 bytes each)
Each page can be individually programmed (bits are programmed from 1 to 0). The device is Sector or
Bulk Erasable but not Page Erasable.
Table 2a. Bottom Boot Block Sector Architecture
Sector
SECTOR SIZE (KByte)
Address range
67
64
3F0000h – 3FFFFFh
66
64
3E0000h – 3EFFFFh
65
64
3D0000h – 3DFFFFh
64
64
3C0000h – 3CFFFFh
63
64
3B0000h – 3BFFFFh
62
64
3A0000h – 3AFFFFh
61
64
390000h – 39FFFFh
60
64
380000h – 38FFFFh
59
64
370000h – 37FFFFh
58
64
360000h – 36FFFFh
57
64
350000h – 35FFFFh
56
64
340000h – 34FFFFh
55
64
330000h – 33FFFFh
54
64
320000h – 32FFFFh
53
64
310000h – 31FFFFh
52
64
300000h – 30FFFFh
51
64
2F0000h – 2FFFFFh
50
64
2E0000h – 2EFFFFh
49
64
2D0000h – 2DFFFFh
48
64
2C0000h – 2CFFFFh
47
64
2B0000h – 2BFFFFh
46
64
2A0000h – 2AFFFFh
45
64
290000h – 29FFFFh
44
64
280000h – 28FFFFh
43
64
270000h – 27FFFFh
42
64
260000h – 26FFFFh
41
64
250000h – 25FFFFh
40
64
240000h – 24FFFFh
39
64
230000h – 23FFFFh
38
64
220000h – 22FFFFh
37
64
210000h – 21FFFFh
36
64
200000h – 20FFFFh
35
64
1F0000h – 1FFFFFh
34
64
1E0000h – 1EFFFFh
33
64
1D0000h – 1DFFFFh
32
64
1C0000h – 1CFFFFh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com