Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EN25B32T-75VIP Datasheet(PDF) 14 Page - Eon Silicon Solution Inc.

Part # EN25B32T-75VIP
Description  32 Mbit Serial Flash Memory with Boot and Parameter Sectors
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EON [Eon Silicon Solution Inc.]
Direct Link  http://www.essi.com.tw
Logo EON - Eon Silicon Solution Inc.

EN25B32T-75VIP Datasheet(HTML) 14 Page - Eon Silicon Solution Inc.

Back Button EN25B32T-75VIP Datasheet HTML 10Page - Eon Silicon Solution Inc. EN25B32T-75VIP Datasheet HTML 11Page - Eon Silicon Solution Inc. EN25B32T-75VIP Datasheet HTML 12Page - Eon Silicon Solution Inc. EN25B32T-75VIP Datasheet HTML 13Page - Eon Silicon Solution Inc. EN25B32T-75VIP Datasheet HTML 14Page - Eon Silicon Solution Inc. EN25B32T-75VIP Datasheet HTML 15Page - Eon Silicon Solution Inc. EN25B32T-75VIP Datasheet HTML 16Page - Eon Silicon Solution Inc. EN25B32T-75VIP Datasheet HTML 17Page - Eon Silicon Solution Inc. EN25B32T-75VIP Datasheet HTML 18Page - Eon Silicon Solution Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 38 page
background image
This Data Sheet may be revised by subsequent versions
©2004 Eon Silicon Solution, Inc., www.essi.com.tw
or modifications due to changes in technical specifications.
14
EN25B32
Rev. C, Issue Date: 2007/06/21
The Write Enable (WREN) instruction (Figure 5) sets the Write Enable Latch (WEL) bit. The Write Enable
Latch (WEL) bit must be set prior to every Page Program (PP), Sector Erase (SE), Bulk Erase (BE) and
Write Status Register (WRSR) instruction.
The Write Enable (WREN) instruction is entered by driving Chip Select (CS#) Low, sending the instruction
code, and then driving Chip Select (CS#) High.
Write Disable (WRDI) (04h)
The Write Disable instruction (Figure 6) resets the Write Enable Latch (WEL) bit in the Status Register to
a 0 or exit from OTP mode to normal mode. The Write Disable instruction is entered by driving Chip
Select (CS#) low, shifting the instruction code “04h” into the DI pin and then driving Chip Select (CS#)
high. Note that the WEL bit is automatically reset after Power-up and upon completion of the Write Status
Register, Page Program, Sector Erase, and Bulk Erase instructions.
Read Status Register (RDSR) (05h)
The Read Status Register (RDSR) instruction allows the Status Register to be read. The Status Register
may be read at any time, even while a Program, Erase or Write Status Register cycle is in progress.
When one of these cycles is in progress, it is recommended to check the Write In Progress (WIP) bit
before sending a new instruction to the device. It is also possible to read the Status Register continuously,
as shown in Figure 7.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com