Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP8690 Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP8690
Description  Intelli-PhaseTM Solution with Integrated HS-/LS-FETs and Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8690 Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP8690 Datasheet HTML 1Page - Monolithic Power Systems MP8690 Datasheet HTML 2Page - Monolithic Power Systems MP8690 Datasheet HTML 3Page - Monolithic Power Systems MP8690 Datasheet HTML 4Page - Monolithic Power Systems MP8690 Datasheet HTML 5Page - Monolithic Power Systems MP8690 Datasheet HTML 6Page - Monolithic Power Systems MP8690 Datasheet HTML 7Page - Monolithic Power Systems MP8690 Datasheet HTML 8Page - Monolithic Power Systems MP8690 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
MP86905
– INTELLI-PHASE SOLUTION W/ INTEGRATED MOSFETS AND DRIVERS
MP86905 Rev. 1.1
www.MonolithicPower.com
3
8/31/2020
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2020 MPS. All Rights Reserved.
ABSOLUTE MAXIMUM RATINGS (1)
Supply voltage (VIN)....................................18V
VSW (DC) ...............................-0.3V to VIN + 0.3V
VSW (25ns)......................................... -3V to 25V
VIN-VSW (10ns)................................... -5V to 32V
VBST-VSW (25ns)..............................................5V
VBST .....................................................VSW + 4V
All other pins......................-0.3V to VDD + 0.3V
Instantaneous current .................................90A
Junction temperature ............................... 150°C
Lead temperature .................................... 260°C
Storage temperature................ -65°C to +150°C
Recommended Operating Conditions (2)
Supply voltage (VIN)....................... 4.5V to 16V
Driver voltage (VDRV) ................... 3.0V to 3.6V
Logic voltage (VDD)....................... 3.0V to 3.6V
Operating junction temp. (TJ). .. -40°C to +125°C
Thermal Resistance (3)
θJB
θJC_TOP
QFN-23 (4mmx4mm) ...........2..........24.....
C/W
NOTES:
1) Exceeding these ratings may damage the device.
2) The device is not guaranteed to function outside of its
operating conditions.
3)
θ
JB is the thermal resistance from the junction to board around
the PGND soldering point.
θ
JC_TOP is the themal resistance from the junction to the top of
the package.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com