Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP8690 Datasheet(PDF) 10 Page - Monolithic Power Systems

Part # MP8690
Description  Intelli-PhaseTM Solution with Integrated HS-/LS-FETs and Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8690 Datasheet(HTML) 10 Page - Monolithic Power Systems

Back Button MP8690 Datasheet HTML 6Page - Monolithic Power Systems MP8690 Datasheet HTML 7Page - Monolithic Power Systems MP8690 Datasheet HTML 8Page - Monolithic Power Systems MP8690 Datasheet HTML 9Page - Monolithic Power Systems MP8690 Datasheet HTML 10Page - Monolithic Power Systems MP8690 Datasheet HTML 11Page - Monolithic Power Systems MP8690 Datasheet HTML 12Page - Monolithic Power Systems MP8690 Datasheet HTML 13Page - Monolithic Power Systems MP8690 Datasheet HTML 14Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
MP86905
– INTELLI-PHASE SOLUTION W/ INTEGRATED MOSFETS AND DRIVERS
MP86905 Rev. 1.1
www.MonolithicPower.com
10
8/31/2020
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2020 MPS. All Rights Reserved.
APPLICATION INFORMATION
Operation
The MP86905 is a 50A, monolithic, half-bridge
driver with integrated MOSFETs and is ideally
suited for multi-phase buck regulators.
An external 3.3V supply is required to supply
both VDD and VDRV. When EN transitions
from low to high, and the VDD and VDRV
signals are both sufficiently high, operation
begins.
PWM
The PWM input is capable of a tri-state input.
When the PWM input signal is within the tri-
state threshold window for 50ns (tHT or tLT), the
HS-FET is turned off immediately, and the LS-
FET enters diode emulation mode, which is on
until zero-current detection. The tri-state PWM
input can come from a forced middle voltage
PWM signal or made by floating the PWM input
so the internal current source charges the
signal to a middle voltage. Please refer to the
PWM timing diagram on page 5 for the
propagation delay definition from PWM to the
SW node.
Diode Emulation Mode
In diode emulation mode, when PWM is either
low or in a tri-state input, the LS-FET is turned
on whenever the inductor current is positive.
The LS-FET turns off if the inductor current is
negative or after the inductor current crosses
zero current. Diode emulation mode can be
enabled by pulling SYNC low, driving PWM to
middle-state, or floating PWM.
Current Sense (CS)
CS
is
a
bi-directional
current
source
proportional to the inductor current. The current
sense gain is 9.7
μA/A (GCS). Generally, there is
a resistor (RCS) connected from CS to an
external voltage which is capable of sinking
small currents to provide enough of a voltage
level shift to meet the CS operating voltage.
The CS voltage range of 0.7V to 2.1V is
requ
ired to keep CS’s output current linearly
proportional to the inductor current.
A proper reference voltage, VCM, and RCS
values can be determined with Equation (1) and
Equation (2):
2.1V
V
R
I
0.7V
CM
CS
CS
(1)
CS
L
CS
I
I
G

(2)
Where VCM is a reference voltage connected to
RCS.
Intelli-
Phase’s current sense output can be
used by the controller to accurately monitor the
output
current.
The
cycle-by-cycle
current
information from CS can be used for phase-
current balancing, over-current protection, and
active
voltage
positioning
(output-voltage
droop).
Positive and Negative Inductor Current Limit
When HS-FET over-current is detected for four
consecutive cycles, the HS-FET latches off, and
FAULT# is asserted low. The LS-FET is turned
on until zero-current detection, and then is
turned off. Recycling VIN, VDD/VDRV, or
toggling EN releases the latch and restarts the
device.
When the LS-FET detects a -30A current, the
MP86905 turns off the LS-FET for 40ns to limit
the negative current. The LS-
FET’s negative
current limit will not trigger a fault report.
Over-Temperature Protection (OTP)
When the junction temperature reaches the
over-temperature threshold, the HS-FET is
latched off, FAULT# is asserted low, and the
LS-FET
is
turned
on
until
zero-current
detection.
Temperature Sense Output (VTEMP)
VTEMP
reports
the
junction
temperature.
VTEMP is a voltage proportional to the junction
temperature. The VTEMP output voltage is
10mV/°C
(GVTEMP)
with
a
-100mV
offset
(VTEMP_Offset) and can be calculated with
Equation (3):
TEMP
JUNCTION
VTEMP
V
T
G
VTEMP _ Offset (3)
For example, if the junction temperature is
100°C, then VTEMP is 0.9V. VTEMP = 0V for
junction temperatures below 10°C. In multi-
phase operation, VTEMP of every Intelli-Phase
can be connected to the temperature monitor
pin of the controller (see Figure 2).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com