Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ME4057 Datasheet(PDF) 9 Page - Nanjing Micro One Electronics Inc

Part # ME4057
Description  1A Lithium Ion Battery Linear Charger ME4057
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONE [Nanjing Micro One Electronics Inc]
Direct Link  https://www.microne.com.cn/
Logo MICRONE - Nanjing Micro One Electronics Inc

ME4057 Datasheet(HTML) 9 Page - Nanjing Micro One Electronics Inc

Back Button ME4057 Datasheet HTML 5Page - Nanjing Micro One Electronics Inc ME4057 Datasheet HTML 6Page - Nanjing Micro One Electronics Inc ME4057 Datasheet HTML 7Page - Nanjing Micro One Electronics Inc ME4057 Datasheet HTML 8Page - Nanjing Micro One Electronics Inc ME4057 Datasheet HTML 9Page - Nanjing Micro One Electronics Inc ME4057 Datasheet HTML 10Page - Nanjing Micro One Electronics Inc ME4057 Datasheet HTML 11Page - Nanjing Micro One Electronics Inc ME4057 Datasheet HTML 12Page - Nanjing Micro One Electronics Inc ME4057 Datasheet HTML 13Page - Nanjing Micro One Electronics Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
ME4057
V01
www.microne.com.cn
Page 9 of 18
output connected to GND.
charger’s status
Red led
Green led
Charging
light
dark
Battery in full state
dark
light
Under-
voltage, battery’s temperature is to high or too low, or not
connect to battery(use TEMP)
dark
dark
BAT pin is connected to 10uF capacitor , No battery mode
(TEMP=GND)
Green LED bright, Red LED flicker F=1-4 S
Thermal limiting
An internal thermal feedback loop reduces the programmed charge current if the die temperature attempts to
rise above a preset value of approximately 140℃ . The feature protects the ME4057 from excessive temperature and
allows the user to push the limits of the power handling capability of a given circuit board without risk of damaging the
ME4057. The charge current can be set according to typical (not worst-case) ambient temperature with the
assurance that the charger will automatically reduce the current in worst-case conditions.
To prevent the damage caused by the very high or very low temperature done to the battery pack, the ME4057
continuously senses battery pack temperature by measuring the voltage at TEMP pin determined by the voltage
divider circuit and the battery’s internal NTC thermistor as shown in Figure 1.
The ME4057 compares the voltage at TEMP pin (VTEMP) against its internal VLOW and VHIGH thresholds to
determine if charging is allowed. In ME4057, VLOW is fixed at (45%×Vcc), while VHIGH is fixed at (80%×Vcc). If
VTEMP<VLOW or VTEMP>VHIGH , it indicates that the battery temperature is too high or too low and the charge cycle is
suspended. When VTEMP is between VLOW and VHIGH, charge cycle resumes. The battery temperature sense
function can be disabled by connecting TEMP pin to GND.
Selecting R1 and R2
The values of R1 and R2 in the application circuit can be determined according to the assumed temperature
monitor range and thermistor’s values. The Follows is an example: Assume temperature monitor range is T
L~TH,
( T
L<TH);the thermistor in battery has negative temperature coefficient(NTC, RTL is thermistor’s resistance at TL,
RTH is the resistance at TH,so RTL>RTH,then at temperature TL, the voltage at TEMP pin is:
At temperature TH, the voltage at TEMP pin is:
We know VTEMPL=VHIGH=K2×Vcc (K2=0.8);VTEMPH=VLOW=K1×Vcc (K1=0.45) Then we can have:
For example, NCP03YS110 , operating Temperature is -40℃ to 125℃. If using environment temperature is -25℃ to
125℃, then RTL is the value of the resistance of NCP03YS110 at -25℃, about 66.148Ω; RTH=is the value of the
resistance of NCP03YS110 at 125℃, about
1.077Ω.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com