Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ME4057 Datasheet(PDF) 12 Page - Nanjing Micro One Electronics Inc

Part # ME4057
Description  1A Lithium Ion Battery Linear Charger ME4057
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONE [Nanjing Micro One Electronics Inc]
Direct Link  https://www.microne.com.cn/
Logo MICRONE - Nanjing Micro One Electronics Inc

ME4057 Datasheet(HTML) 12 Page - Nanjing Micro One Electronics Inc

Back Button ME4057 Datasheet HTML 8Page - Nanjing Micro One Electronics Inc ME4057 Datasheet HTML 9Page - Nanjing Micro One Electronics Inc ME4057 Datasheet HTML 10Page - Nanjing Micro One Electronics Inc ME4057 Datasheet HTML 11Page - Nanjing Micro One Electronics Inc ME4057 Datasheet HTML 12Page - Nanjing Micro One Electronics Inc ME4057 Datasheet HTML 13Page - Nanjing Micro One Electronics Inc ME4057 Datasheet HTML 14Page - Nanjing Micro One Electronics Inc ME4057 Datasheet HTML 15Page - Nanjing Micro One Electronics Inc ME4057 Datasheet HTML 16Page - Nanjing Micro One Electronics Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
ME4057
V01
www.microne.com.cn
Page 12 of 18
The approximate ambient temperature at which the thermal feedback begins to protect the IC is:
TA 145C PDJA ;
TA 145C (VCC VBAT ) X IBAT X JA
For example: The ME4057 with 5V supply voltage through programmable provides full limiting current 800mA to a
charge lithium-ion battery with 3.75V voltage
. If
JA is 150℃/W ( reference to PCB layout considerations), When
ME4057 begins to decrease the charge current, the ambient temperature about:
TA 145C (5V3.75V ) X (800mA) χ150C / W
TA 145C 0.5W X 150C / W 145C 75C
TA =65C
ME4057 can work in the condition of the temperature is above 65℃, but the charge current will pull down to below
800mA. In a fixed ambient temperature, the charge current is calculated to be approximately :
Just as Description of the Principle part talks about so, the current on PROG pin will reduce in proportion to the
reduced charge current through thermal feedback. In ME4057
design applications don’t need to considerate the
worst case of thermal condition, this point is importance, because if the junction temperature up to 145℃ ,IC will auto
reduce the power dissipation.
Thermal considerations
Because of the small size of the thin SOP8 package, it is important to use a good thermal PC board layout to
maximize the available charge current. The thermal path for the heat generated by the IC is from the die to the
copper lead frame, through the package leads, (especially the ground lead) to the PC board copper. The PC board
copper is the heat sink. The footprint copper pads should be as wide as possible and expand out to larger copper
areas to spread and dissipate the heat to the surrounding ambient. Other heat sources on the board, not related to
the charger, must also be considered when designing a PC board layout because they will affect overall temperature
rise and the maximum charge current.
Add thermal regulation current
It will effective to decrease the power dissipation through reduce the voltage of both ends of the inner MOSFET. In
the thermal regulation, this action of transporting current to battery will raise. One of the measure is through an
external component(as a resistor or diode) to consume some power dissipation.
For example: The ME4057 with 5V supply voltage through programmable provides full limiting current 800mA to a
charge lithium-ion battery with 3.75V voltage. If
JA is 125℃/W, so that at 25℃ ambient temperature, the charge
current is calculated to be approximately :
In order to increase the thermal regulation charge current, can decrease the power dissipation of the IC through
reducing the voltage (as show fig.3) of both two ends of the resistor which connecting in series with a 5V AC adapter.
With square equation to calculate IBAT :
If RCC=0.25Ω, VS=5V, VBAT=3.75V, TA=25℃ and JA =125℃/W, we can calculate the thermal regulation charge
current: IBAT=948mA. It means that in this structure it can output 800mA full limiting charge current at more high
ambient temperature environment.
Although it can transport more energy and reduce the charge time in this application, but actually spread charge



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com