Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HE83R126 Datasheet(PDF) 2 Page - King blillion Electronics Co.,Ltd.

Part # HE83R126
Description  8-BIT MICRO-CONTROLLER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KB [King blillion Electronics Co.,Ltd.]
Direct Link  
Logo KB - King blillion Electronics Co.,Ltd.

HE83R126 Datasheet(HTML) 2 Page - King blillion Electronics Co.,Ltd.

  HE83R126 Datasheet HTML 1Page - King blillion Electronics Co.,Ltd. HE83R126 Datasheet HTML 2Page - King blillion Electronics Co.,Ltd. HE83R126 Datasheet HTML 3Page - King blillion Electronics Co.,Ltd. HE83R126 Datasheet HTML 4Page - King blillion Electronics Co.,Ltd. HE83R126 Datasheet HTML 5Page - King blillion Electronics Co.,Ltd. HE83R126 Datasheet HTML 6Page - King blillion Electronics Co.,Ltd. HE83R126 Datasheet HTML 7Page - King blillion Electronics Co.,Ltd. HE83R126 Datasheet HTML 8Page - King blillion Electronics Co.,Ltd. HE83R126 Datasheet HTML 9Page - King blillion Electronics Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
KING BILLION ELECTRONICS CO., LTD
駿
億
電
子
股
份
有
限
公
司
HE83R126
HE80000 SERIES
2
Preliminary V1.02E
I.F.C. E.S.C. I.P.R PROM
DROM
TP
TP+1 RAM
PP
DP
I/O
DTMF WDT
Timer
◎
◎
◎
64KB
—
16-bit
◎
256B
—
8-bit
8~16
—
◎
T1,T2
VO DAO OP PWM
LCD
COM*SEG
Bias Rgr ChrgPmp
LV2 LR LVG REC S.R.
—
—
—
◎
192~256
8*32
1/5
◎
4
◎
—
—
—
—
D. Pin Assignment
Pin
#
Pin Name
I/O
Function
Description
63
62
FXI,
FXO
B,
O
External fast clock pin.
Connecting to crystal
or RC to generate
32.768 kHz ~ 8MHz
system clock.
66
65
SXI,
SXO
I,
O
External slow clock
pin. Connecting with
32.768 Hz OSC to
generate
the
stable
frequency for Slow
Clock Mode and Timer
clock source.
Mask Option settings:
MO_FCK/SCKN=00:Slow Clock only
01:Illegal
10:Dual Clock
11:Fast Clock only
MO_FOSCE=0:Internal fast oscillation
1: External fast oscillation
MO_FXTAL=0:R,C oscillation for Fast Clock
1:Crystal oscillation for Fast Clock
MO_SXTAL=0:R,C oscillation for 32.768K Clock
1 : Crystal oscillation for 32.768K
Clock。
Program the value of OP1and OP2 to change the
operating modes (Normal, Slow, Idle and Sleep).
In Dual Clock mode , the system runs in Fast Clock,
only the LCD and timer I use the 32.768K clock
source。
61
RSTP_N
I System reset signal
Pull this pin to low level to reset the system. Besides,
select the Mask Option (MQ_PORE=1) to enable the
HE83R126 internal Power-on Reset function.
In addition, the MO_WDTE is used for Watch
Timer setting:
MO_WDTE=0:Disable Watch Dog Timer
=1:Enable Watch Dog Timer
64
TSTP_P
I Test Pin
Please bond this pin and add a test point on PCB for
debugging. But for improving ESD, please connect this
pin with zero Ohm resistor to GND.
68..
75
PRTD[7:0]
B
Port D bi-directional
I/O pin , (8 pins).
PRTD[7:2] is also a
Wake-up
pin
and
PRTD[7:6] is used for
interrupt input pin.
Mask Option MO_DPP[7:0] to preset the output type:
MO_DPP= 1: Push-pull output;
= 0: Open-drain output
When assigned the port to input pin, send a ’1’ and read
the result to get the input value
5..12
NC
13..
20 PRT15[7:0]/SEG[31:24]
B/
O
Port 15 bi-directional
pin(8pins)
or
LCD
Segment[31:24]
Mask Option MO_LIO15[7:0]
Set 8 pins to be I/O or LCD Segment:
MO_LIO15[7:0]=0;I/O Pin
=1;LCD Pin
I/O Pin Assigned
Mask Option MO_15PP[7:0]
MO_15PP[7:0]=0;Open-drain output
=1;Push-pull output



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com