Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HE83R126 Datasheet(PDF) 3 Page - King blillion Electronics Co.,Ltd.

Part # HE83R126
Description  8-BIT MICRO-CONTROLLER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KB [King blillion Electronics Co.,Ltd.]
Direct Link  
Logo KB - King blillion Electronics Co.,Ltd.

HE83R126 Datasheet(HTML) 3 Page - King blillion Electronics Co.,Ltd.

  HE83R126 Datasheet HTML 1Page - King blillion Electronics Co.,Ltd. HE83R126 Datasheet HTML 2Page - King blillion Electronics Co.,Ltd. HE83R126 Datasheet HTML 3Page - King blillion Electronics Co.,Ltd. HE83R126 Datasheet HTML 4Page - King blillion Electronics Co.,Ltd. HE83R126 Datasheet HTML 5Page - King blillion Electronics Co.,Ltd. HE83R126 Datasheet HTML 6Page - King blillion Electronics Co.,Ltd. HE83R126 Datasheet HTML 7Page - King blillion Electronics Co.,Ltd. HE83R126 Datasheet HTML 8Page - King blillion Electronics Co.,Ltd. HE83R126 Datasheet HTML 9Page - King blillion Electronics Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
KING BILLION ELECTRONICS CO., LTD
駿
億
電
子
股
份
有
限
公
司
HE83R126
HE80000 SERIES
3
Preliminary V1.02E
Pin
#
Pin Name
I/O
Function
Description
45..
52
COM[7:0]
O LCD COMmon Output
21..
44
SEG[23:0]
O LCD SEGment Output
Data filled from D8H, please refer the LCD RAM
Map. All COM & SEG Pins is equal to VDD if LCD
turn off.
54
LC2
B Charge Pump Switch 1
53
LC1
B Charge Pump Switch 2
Please refer the application circuit.
59
L V4
B Charge Pump V4
58
L V3
B Charge Pump V3
57
L V2
B Charge Pump V2
56
L V1
B
Charge Pump V1=0.75
Volt
If regulator works.
LV4=LV3=LV2=LV1=VDD when LCD turn-off
LV4=4*LV1, LV3=3*LV1,LV2=2*LV1 when LCD on.
Others please refer to application circuit.
55
L VF
I Regulator Feedback
Please refer to application circuit. Use 100K ohm’s
resistor can adjust power regulator’s output voltage
2
PWMP
O
PWM +ve output pin
can
directly
drive
Speaker or Buzzer for
sound output.
Set the Bit2 for VOC register (PWM =1) to turn on the
PWM
3
PWMN
O
PWM -ve output pin
can
directly
drive
Speaker or Buzzer for
sound output.
Set the Bit2 for VOC register (PWM =1) to turn on the
PWM
67
VDD
P Positive Power Input
60
GND
P Power Ground Input
Adding 0.1 µF capacitor as by-pass capacitor on power
pins is necessary.(within 1 cm distance)
1
VDDPWM
P
PWM Positive Power
Input
4
GNDPWM
P
PWM Power Ground
Input
Dedicated Power for PWM Block: must connect with
VDD & GND



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com