Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SF23C3200B Datasheet(PDF) 6 Page - King blillion Electronics Co.,Ltd.

Part # SF23C3200B
Description  32 Mbit CMOS Mask Programmable ROM
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KB [King blillion Electronics Co.,Ltd.]
Direct Link  
Logo KB - King blillion Electronics Co.,Ltd.

SF23C3200B Datasheet(HTML) 6 Page - King blillion Electronics Co.,Ltd.

  SF23C3200B Datasheet HTML 1Page - King blillion Electronics Co.,Ltd. SF23C3200B Datasheet HTML 2Page - King blillion Electronics Co.,Ltd. SF23C3200B Datasheet HTML 3Page - King blillion Electronics Co.,Ltd. SF23C3200B Datasheet HTML 4Page - King blillion Electronics Co.,Ltd. SF23C3200B Datasheet HTML 5Page - King blillion Electronics Co.,Ltd. SF23C3200B Datasheet HTML 6Page - King blillion Electronics Co.,Ltd. SF23C3200B Datasheet HTML 7Page - King blillion Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
King Billion Electronics Co., Ltd
駿
億
電
子
股
份
有
限
公
司
SF23C3200B
December 8, 2003
Page 6 of 7
V1.1
This specification is subject to change without notice. Please contact sales person for the latest version before use.
Pad No.
Pad Name
X Coord.
Y Coord. Pad No.
Pad Name
X Coord.
Y Coord.
1 NC
-1941.5
3231.86
31 GND
1941.5
-3262.78
2 BYTEB
-1941.5
3008.86
32 GND
1941.5
-3039.78
3 A16
-1941.5
2785.86
33 GND
1941.5
-2816.78
4 A15
-1941.5
2562.86
34 OEN
1941.5
-2593.78
5 A14
-1941.5
2339.86
35 D0
1941.5
-2370.78
6 A13
-1941.5
2116.86
36 D8
1941.5
-2140.78
7 A12
-1941.5
1893.86
37 D1
1941.5
-1917.78
8 A11
-1941.5
1670.86
38 D9
1941.5
-1687.78
9 A10
-1941.5
1447.86
39 D2
1941.5
-1464.78
10 A9
-1941.5
1224.86
40 D10
1941.5
-1234.78
11 A8
-1941.5
1001.86
41 D3
1941.5
-1011.78
12 A19
-1941.5
778.86
42 D11
1941.5
-781.78
13 GND
-1941.5
555.86
43 VDD
1941.5
-558.78
14 NC
-1941.5
332.86
44 GND
1941.5
-335.78
15 GND
-1941.5
-34.78
45 VDD
1941.5
-112.78
16 NC
-1941.5
-257.78
46 GND
1941.5
110.22
17 GND
-1941.5
-480.78
47 VDD
1941.5
333.22
18 A20
-1941.5
-703.78
48 GND
1941.5
712.16
19 A18
-1941.5
-926.78
49 D4
1941.5
935.16
20 A17
-1941.5
-1149.78
50 D12
1941.5
1165.16
21 A7
-1941.5
-1372.78
51 D5
1941.5
1388.16
22 A6
-1941.5
-1595.78
52 D13
1941.5
1618.16
23 A5
-1941.5
-1818.78
53 D6
1941.5
1841.16
24 A4
-1941.5
-2041.78
54 D14
1941.5
2071.16
25 A3
-1941.5
-2264.78
55 D7
1941.5
2294.16
26 A2
-1941.5
-2487.78
56 D15A_1
1941.5
2517.16
27 A1
-1941.5
-2710.78
57 GND
1941.5
2740.16
28 A0
-1941.5
-2931.48
58 GND
1941.5
2963.16
29 CEN
-1941.5
-3152.18
59 GND
1941.5
3186.16
30 NC
-1941.5
-3372.88
6. Absolute Maximum Rating
Items
Symbol
Rating
Supply Voltage
VCC
2.4 to 3.6 V
Input Voltage
VIN
-0.3 to Vdd+0.3 V
Operating Temperature
TOPR
-0 to 70
°C
Storage Temperature
TSTR
-55 to 125
°C
7. AC Electrical Characteristics
READ CYCLE:



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com