Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SF23C3200B Datasheet(PDF) 3 Page - King blillion Electronics Co.,Ltd.

Part # SF23C3200B
Description  32 Mbit CMOS Mask Programmable ROM
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KB [King blillion Electronics Co.,Ltd.]
Direct Link  
Logo KB - King blillion Electronics Co.,Ltd.

SF23C3200B Datasheet(HTML) 3 Page - King blillion Electronics Co.,Ltd.

  SF23C3200B Datasheet HTML 1Page - King blillion Electronics Co.,Ltd. SF23C3200B Datasheet HTML 2Page - King blillion Electronics Co.,Ltd. SF23C3200B Datasheet HTML 3Page - King blillion Electronics Co.,Ltd. SF23C3200B Datasheet HTML 4Page - King blillion Electronics Co.,Ltd. SF23C3200B Datasheet HTML 5Page - King blillion Electronics Co.,Ltd. SF23C3200B Datasheet HTML 6Page - King blillion Electronics Co.,Ltd. SF23C3200B Datasheet HTML 7Page - King blillion Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
King Billion Electronics Co., Ltd
駿
億
電
子
股
份
有
限
公
司
SF23C3200B
December 8, 2003
Page 3 of 7
V1.1
This specification is subject to change without notice. Please contact sales person for the latest version before use.
4. Pin Description
SF23C3200
10
9
8
7
6
5
4
3
41
40
39
38
37
36
35
34
33
11
13
32
14
16
18
20
23
25
27
29
22
12
2
1
42
15
17
19
21
24
26
28
30
31
43
A0
A1
A2
A3
A4
A5
A6
A7
A8
A9
A10
A11
A12
A13
A14
A15
A16
CE
OE
BYTE
Q0
Q1
Q2
Q3
Q4
Q5
Q6
Q7
VCC
GND
A17
A18
A19
Q8
Q9
Q10
Q11
Q12
Q13
Q14
Q15/A-1
GND
A20
Symbol
Pin No. I/O
Description
A18, A17
1, 2
I
Mask ROM Address input pins.
A7 ~ A0
3 ~ 10
I
Mask ROM Address input pins.
CEn
11
I
The CEn (Chip Enable) input is the device selection and power control for
internal Mask ROM array. Whenever CEn goes high, the internal Mask
ROM will enter standby (power saving) mode. Otherwise, it is in active
mode and the contents of the ROM can be accessed.
GND
12
P
Negative power supply input pin.
OEn
13
I
OEn (Output Enable) is the output control which gates ROM array data onto
the data output pins Q7 ~ Q0 in Byte mode (BYTEB pin is at “low” state) or
Q15A-1, Q14 ~ Q0 in Word mode (BYTEB pin is at “high” state).
Q0,
Q1,
Q2,
Q3,
Q4,
Q5,
Q6,
Q7,
14,
16,
18,
20,
23,
25,
27,
29
O,
O,
O,
O,
O,
O,
O,
O,
Mask ROM array Data lower byte outputs drive Q7 ~ Q0 pins during read
operations (CEn and OEn are “low”). The Q7 ~ Q0 pins stay in high-Z when
the chip is deselected (CEn high) or when the outputs are disabled (OEn
high).
Q8,
Q9,
Q10,
Q11,
Q12,
Q13,
Q14,
Q15A-1,
15,
17,
19,
21,
24,
26,
28,
30
O,
O,
O,
O,
O,
O,
O,
O/I,
Mask ROM data higher byte output pins when Word mode is selected
(BYTEB is at “high” level) during read operations (CEn and OEn are
“low”). They will be tri-stated when Byte mode is selected (BYTEB at
“low” level), the chip is deselected (CEn high), the outputs are disabled
(OEn high).
Q15A-1 is Mask ROM MSB Data output pin in Word mode and LSB
address pin in Byte mode.
VCC
22
P
Positive power supply input pin.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com