Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT9016 Datasheet(PDF) 5 Page - Richtek Technology Corporation

Part # RT9016
Description  500mA Peak, Thermal Folded Back CMOS LDO Regulator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9016 Datasheet(HTML) 5 Page - Richtek Technology Corporation

  RT9016 Datasheet HTML 1Page - Richtek Technology Corporation RT9016 Datasheet HTML 2Page - Richtek Technology Corporation RT9016 Datasheet HTML 3Page - Richtek Technology Corporation RT9016 Datasheet HTML 4Page - Richtek Technology Corporation RT9016 Datasheet HTML 5Page - Richtek Technology Corporation RT9016 Datasheet HTML 6Page - Richtek Technology Corporation RT9016 Datasheet HTML 7Page - Richtek Technology Corporation RT9016 Datasheet HTML 8Page - Richtek Technology Corporation RT9016 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
RT9016
5
DS9016-03 August 2007
www.richtek.com
Preliminary
Typical Operating Characteristics
EN Pin Shoutdown Threshold vs. Temperature
0.5
0.75
1
1.25
1.5
1.75
-50
-25
0
25
50
75
100
125
Temperature (
°C)
RT9016-15PB
VIN = 3.3V
CIN = COUT = 1uF X7R
PSRR
-80
-60
-40
-20
0
20
0.01
0.1
1
10
100
1000
Frequency (kHz)
ILOAD = 10mA
ILOAD = 100mA
10
100
1K
10K
100K
1M
(Hz)
VIN = 4V to 5V
CIN = COUT = 1uF, X7R
Quiescent Current vs. Temperature
60
65
70
75
80
85
90
95
-50
-25
0
255075
100
125
Temperature (°C)
RT9016-15PB
VIN = 3.3V
CIN = COUT = 1uF X7R
Output Voltage vs. Temperature
1.2
1.3
1.4
1.5
1.6
1.7
1.8
-50
-25
0
25
50
75
100
125
Temperature (
°C)
RT9016-15PB
VIN = 3.3V
CIN = COUT = 1uF X7R
Dropout Voltage vs. Load Current
0
100
200
300
400
500
600
0
100
200
300
400
500
Load Current (mA)
RT9016-33PB
CIN = COUT = 1uF
TJ = 125°C
TJ = 25°C
TJ = -40°C
Time (500
μs/Div)
VIN = 5V
CIN = COUT = 1uF
EN Pin Shutdown Response
RT9016-28PB
No Load
10
5
0
2
1
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com