Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT9016 Datasheet(PDF) 10 Page - Richtek Technology Corporation

Part # RT9016
Description  500mA Peak, Thermal Folded Back CMOS LDO Regulator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9016 Datasheet(HTML) 10 Page - Richtek Technology Corporation

Back Button RT9016 Datasheet HTML 3Page - Richtek Technology Corporation RT9016 Datasheet HTML 4Page - Richtek Technology Corporation RT9016 Datasheet HTML 5Page - Richtek Technology Corporation RT9016 Datasheet HTML 6Page - Richtek Technology Corporation RT9016 Datasheet HTML 7Page - Richtek Technology Corporation RT9016 Datasheet HTML 8Page - Richtek Technology Corporation RT9016 Datasheet HTML 9Page - Richtek Technology Corporation RT9016 Datasheet HTML 10Page - Richtek Technology Corporation RT9016 Datasheet HTML 11Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
RT9016
10
DS9016-03 August 2007
www.richtek.com
Preliminary
A
A1
e
b
B
D
C
H
L
SOT-23-5 Surface Mount Package
Dimensions In Millimeters
Dimensions In Inches
Symbol
Min
Max
Min
Max
A
0.889
1.295
0.035
0.051
A1
0.000
0.152
0.000
0.006
B
1.397
1.803
0.055
0.071
b
0.356
0.559
0.014
0.022
C
2.591
2.997
0.102
0.118
D
2.692
3.099
0.106
0.122
e
0.838
1.041
0.033
0.041
H
0.080
0.254
0.003
0.010
L
0.300
0.610
0.012
0.024
Outline Dimension



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com