Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT9134PC Datasheet(PDF) 8 Page - Richtek Technology Corporation

Part # RT9134PC
Description  Rail-to-Rail Quad Operational Amplifier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9134PC Datasheet(HTML) 8 Page - Richtek Technology Corporation

Back Button RT9134PC Datasheet HTML 3Page - Richtek Technology Corporation RT9134PC Datasheet HTML 4Page - Richtek Technology Corporation RT9134PC Datasheet HTML 5Page - Richtek Technology Corporation RT9134PC Datasheet HTML 6Page - Richtek Technology Corporation RT9134PC Datasheet HTML 7Page - Richtek Technology Corporation RT9134PC Datasheet HTML 8Page - Richtek Technology Corporation RT9134PC Datasheet HTML 9Page - Richtek Technology Corporation RT9134PC Datasheet HTML 10Page - Richtek Technology Corporation RT9134PC Datasheet HTML 11Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
RT9134
Preliminary
8
DS9134-04
August 2007
www.richtek.com
Applications Information
The RT9134 packaged in quad operational amplifiers has
high performance to drive large load for different application.
High slew rates, rail-to-rail input and output capability and
low power consumption are the features to make the
RT9134 ideal for LCD applications. The RT9134 also has
wide bandwidth and phase margin to drive a load of 10k
Ω
and 10pF.
Operating Voltage
The RT9134 is specified with single supply voltage from
5V to 15V. According to the electrical characteristics, the
total supply voltage range is guaranteed from 4.5V to 15V.
To refer the typical operational curves can get stable
specifications in wide range of temperature and operating
voltage.
The output swing of the RT9134 typically extends to within
80mV of positive/negative supply rails with 5mA load
current source/sink. Decreasing the load current will get
output swing even closer to the supply rails. Figure 1
shows the rail-to-rail input and output waveforms in the
unit gain configuration without load current. The supply
rails are +/-5V. Applying an input 10Vp_p sinusoidal
waveform results in a 9.8Vp_p output voltage as shown in
Figure 1.
Power Dissipation
The maximum power dissipation depends on the thermal
resistance of IC package, PCB layout, the rate of
surroundings airflow and temperature difference between
junction to ambient. The maximum power dissipation can
be calculated by following formula :
PD(MAX) = ( TJ(MAX) - TA ) /
θJA
Where
TJ(MAX): The maximum operation junction temperature
150
°C
TA : The ambient temperature.
θJA : The junction to ambient thermal resistance.
The recommended operating condition of the RT9134 is
below 150
°C the maximum junction temperature of the
die. The junction to ambient thermal resistance (
θJA is
layout dependent) for VQFN-16L 4x4 package is 54
°C/W
and TSSOP-14 package is 100
°C /W on the standard
JEDEC 51-7 4-layers thermal test board. The maximum
power dissipation at TA = 25
°C can be calculated by
following formula :
PD(MAX) = ( 150
°C - 25°C ) / 54 = 2.315W fo rV QFN-16L
4x4 package
PD(MAX) = ( 150
°C - 25°C ) / 100 = 1.250W for TSSOP-14
package
For continuous operation, do not exceed absolute
maximum operation junction temperature 150
°C. The
power dissipation definition for the RT9134 is as following:
PD = (VS - VOUT) x ILoad
VS : the supply voltage
VOUT : the output voltage
ILoad : the output load current
The maximum power dissipation depends on operating
ambient temperature for fixed TJ(MAX) and thermal
resistance
θJA. Figure 2 shows the power dissipation
derating curves of the RT9134 with different packages.
As the ambient temperature increases, the maximum
power dissipation decreases linearly to keep the junction
temperature below 150
°C.
Figure 1. Operation with Rail-to-Rail Input and Output
Time (250
μs/Div)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com