Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT9134PC Datasheet(PDF) 1 Page - Richtek Technology Corporation

Part # RT9134PC
Description  Rail-to-Rail Quad Operational Amplifier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9134PC Datasheet(HTML) 1 Page - Richtek Technology Corporation

  RT9134PC Datasheet HTML 1Page - Richtek Technology Corporation RT9134PC Datasheet HTML 2Page - Richtek Technology Corporation RT9134PC Datasheet HTML 3Page - Richtek Technology Corporation RT9134PC Datasheet HTML 4Page - Richtek Technology Corporation RT9134PC Datasheet HTML 5Page - Richtek Technology Corporation RT9134PC Datasheet HTML 6Page - Richtek Technology Corporation RT9134PC Datasheet HTML 7Page - Richtek Technology Corporation RT9134PC Datasheet HTML 8Page - Richtek Technology Corporation RT9134PC Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
RT9134
Preliminary
1
DS9134-04
August 2007
www.richtek.com
Features
Rail-to-Rail Output Swing
Supply Voltage : 4.5V to 15V
Continuous Output Current : 35mA
Peak Output Current : 120mA
High Slew Rate : 12V/
μμμμμs
Unity-Gain Stable
RoHS Compliant and 100% Lead (Pb)-Free
Applications
TFT-LCDGamma / VCOM Buffer
Portable Electronic Product
Communications Product
Rail-to-Rail Quad Operational Amplifier
Ordering Information
General Description
The RT9134 consists of low cost, high slew rates, single-
supply rail-to-rail input and output operation amplifiers.
The RT9134 contains four amplifiers in one package.
The RT9134 has high slew rates (12V/
μs), 35mA
continuous output current, 120mA peak output current and
offset voltage below 10mV. The RT9134 is ideal for Thin
Film Transistor Liquid Crystal Displays (TFT-LCD).
The RT9134 is available in TSSOP-14 and VQFN-16L 4x4
package and is specified for operation over the full
−40°C
to +85
°C temperature range.
Pin Configurations
(TOP VIEW)
VQFN-16L 4x4
TSSOP-14
Note :
Richtek Pb-free and Green products are :
RoHS compliant and compatible with the current require-
ments of IPC/JEDEC J-STD-020.
Suitable for use in SnPb or Pb-free soldering processes.
100% matte tin (Sn) plating.
Function Block Diagram
VS+
VS-
+
-
VOUTD
VIND-
VIND+
+
-
VOUTC
VINC-
VINC+
VOUTB
VINB-
VINB+
+
-
VOUTA
VINA-
VINA+
+
-
RT9134
Package Type
QV : VQFN-16L 4x4 (V-Type)
C : TSSOP-14
Operating Temperature Range
P : Pb Free with Commercial Standard
G : Green (Halogen Free with Commer-
cial Standard
VINA-
VIND-
VINB+
VS+
VINA+
VINC+
VS-
VIND+
12
11
10
9
13
14
15
16
1
2
3
4
8
7
6
5
GND
17
VINA-
VIND-
VINC-
VINB+
VS+
VINA+
VINB-
VOUTB
VOUTC
VINC+
VS-
VIND+
VOUTA
VOUTD
4
2
3
5
7
6
11
13
12
10
8
9
14


Similar Part No. - RT9134PC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RT9131 ETC1-RT9131 Datasheet
215Kb / 6P
Class AB stereo Headphone Drive with Mute
RT9131CN ETC1-RT9131CN Datasheet
215Kb / 6P
Class AB stereo Headphone Drive with Mute
RT9131CS ETC1-RT9131CS Datasheet
215Kb / 6P
Class AB stereo Headphone Drive with Mute
logo
Richtek Technology Corp...
RT9133A RICHTEK-RT9133A Datasheet
218Kb / 13P
Rail-to-Rail Operational Amplifier
RT9133AGB RICHTEK-RT9133AGB Datasheet
218Kb / 13P
Rail-to-Rail Operational Amplifier
More results

Similar Description - RT9134PC

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS914 STMICROELECTRONICS-TS914 Datasheet
102Kb / 13P
RAIL TO RAIL CMOS QUAD OPERATIONAL AMPLIFIER
Apr-1999
logo
Advanced Linear Devices
ALD4704A ALD-ALD4704A Datasheet
62Kb / 6P
QUAD RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
logo
STMicroelectronics
TS914 STMICROELECTRONICS-TS914_07 Datasheet
189Kb / 19P
Rail-to-rail CMOS quad operational amplifier
08-Jan-2007
logo
Advanced Linear Devices
ALD4701 ALD-ALD4701_10 Datasheet
86Kb / 9P
QUAD MICROPOWER RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
ALD4704 ALD-ALD4704_10 Datasheet
85Kb / 9P
QUAD RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
logo
Richtek Technology Corp...
RT9136 RICHTEK-RT9136 Datasheet
235Kb / 11P
Rail-to-Rail Quad Unity-Gain Operational Amplifier
logo
STMicroelectronics
TS914IDT STMICROELECTRONICS-TS914IDT Datasheet
1Mb / 17P
Rail-to-rail CMOS quad operational amplifier
06-Nov-2012
logo
SG Micro Corp
SGM8044 SGMICRO-SGM8044 Datasheet
296Kb / 10P
Quad Rail-to-Rail I/O Operational Amplifier
logo
Advanced Linear Devices
ALD4702A ALD-ALD4702A_V01 Datasheet
86Kb / 9P
QUAD 5V RAIL-TO-RAIL PRECISION OPERATIONAL AMPLIFIER
2018
ALD4704A ALD-ALD4704A_V01 Datasheet
89Kb / 9P
QUAD RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com