Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT9173B Datasheet(PDF) 10 Page - Richtek Technology Corporation

Part # RT9173B
Description  2A Bus Termination Regulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9173B Datasheet(HTML) 10 Page - Richtek Technology Corporation

Back Button RT9173B Datasheet HTML 5Page - Richtek Technology Corporation RT9173B Datasheet HTML 6Page - Richtek Technology Corporation RT9173B Datasheet HTML 7Page - Richtek Technology Corporation RT9173B Datasheet HTML 8Page - Richtek Technology Corporation RT9173B Datasheet HTML 9Page - Richtek Technology Corporation RT9173B Datasheet HTML 10Page - Richtek Technology Corporation RT9173B Datasheet HTML 11Page - Richtek Technology Corporation RT9173B Datasheet HTML 12Page - Richtek Technology Corporation RT9173B Datasheet HTML 13Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
RT9173B
10
DS9173B-09 March 2007
www.richtek.com
General Regulator
The RT9173B could also serves as a general linear
regulator. The RT9173B accepts an external reference
voltage at REFENpin and provides output voltage regulated
to this reference voltage as shown in Figure 6, where
VOUT = VREF x R1/(R1+R2)
RDS(ON) vs. Temperature
0.23
0.25
0.27
0.29
0.31
0.33
0.35
0.37
0.39
0.41
0.43
0.45
-50
-25
0
25
50
75
100
125
Temperature (
°C)
SOP-8
VCNTL = 3.3V
Internal parasitic diode
Avoid forward-bias internal parasitic diode, VOUT to VCNTL,
and VOUT to VIN, the VOUT should not be forced some
voltage respect to ground on this pin while the VCNTL or
VIN is disappeared.
Consideration while designs the resistance of voltage
divider
Make sure the sinking current capability of pull-downNMOS
if the lower resistance was chosen so that the voltage on
VREFEN is below 0.2V.
In addition, the capacitor and voltage divider form the low-
pass filter. There are two reasons doing this design; one is
for output voltage soft-start while another is for noise
immunity.
How to reduce power dissipation on Notebook PC or
the dual channel DDR SDRAM application?
In notebook application, using RichTek’ s Patent
“
Distributed Bus Terminator Topology” with choosing
RichTek
’ s product is encouraged.
VCNTL
REFEN
GND
VIN
VOUT
RT9173B
V
REFEN
R1
R2
Make sure that VCNTL >= VIN in all conditions including
power on and off. As other linear regulator, dropout voltage
and thermal issue should be specially considered. Figure
6 and 7 show the RDS(ON) over temperature of RT9173B in
SOP-8 and TO-252 packages respectively. The minimum
dropout voltage could be obtained by the product of RDS(ON)
and output current. For thermal consideration, please refer
to the relative sections.
RDS(ON) vs. Temperature
0.24
0.27
0.30
0.33
0.36
0.39
0.42
0.45
0.48
-50
-25
0
25
50
75
100
125
Temperature (
°C)
TO-252
VCNTL = 3.3V
Application Information
Distributed Bus Terminating Topology
R0
R9
R8
R7
R6
R5
R4
R3
R2
R1
RN
R(N+1)
RT9173B
RT9173B
VOUT
VOUT
REFEN
BUS(0)
BUS(1)
BUS(2)
BUS(3)
BUS(4)
BUS(5)
BUS(6)
BUS(7)
BUS(8)
BUS(9)
BUS(N)
BUS(N+1)
Terminator Resistor
Figure 6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com