Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT9173B Datasheet(PDF) 12 Page - Richtek Technology Corporation

Part # RT9173B
Description  2A Bus Termination Regulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9173B Datasheet(HTML) 12 Page - Richtek Technology Corporation

Back Button RT9173B Datasheet HTML 5Page - Richtek Technology Corporation RT9173B Datasheet HTML 6Page - Richtek Technology Corporation RT9173B Datasheet HTML 7Page - Richtek Technology Corporation RT9173B Datasheet HTML 8Page - Richtek Technology Corporation RT9173B Datasheet HTML 9Page - Richtek Technology Corporation RT9173B Datasheet HTML 10Page - Richtek Technology Corporation RT9173B Datasheet HTML 11Page - Richtek Technology Corporation RT9173B Datasheet HTML 12Page - Richtek Technology Corporation RT9173B Datasheet HTML 13Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
RT9173B
12
DS9173B-09 March 2007
www.richtek.com
5-Lead TO-252 Surface Mount Package
Dimensions In Millimeters
Dimensions In Inches
Symbol
Min
Max
Min
Max
A
2.184
2.388
0.086
0.094
b
0.381
0.889
0.015
0.035
b3
4.953
5.461
0.195
0.215
C2
0.457
0.889
0.018
0.035
D
5.334
6.223
0.210
0.245
E
6.350
6.731
0.250
0.265
H
9.000
10.414
0.354
0.410
L
0.508
1.780
0.020
0.070
L2
0.508 Ref.
0.020 Ref.
L3
0.889
2.032
0.035
0.080
P
1.270 Ref.
0.050 Ref.
V
5.200 Ref.
0.205 Ref.
R
0.200
1.500
0.008
0.059
S
2.500
3.400
0.098
0.134
T
0.500
0.850
0.020
0.033
E
P
H
L
L2
C2
A
L3
D
b
b3
R
T
S
V
Outline Information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com