Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT9172F-15GT5 Datasheet(PDF) 12 Page - Richtek Technology Corporation

Part # RT9172F-15GT5
Description  3A Fixed Output Voltage LDO Regulator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9172F-15GT5 Datasheet(HTML) 12 Page - Richtek Technology Corporation

Back Button RT9172F-15GT5 Datasheet HTML 7Page - Richtek Technology Corporation RT9172F-15GT5 Datasheet HTML 8Page - Richtek Technology Corporation RT9172F-15GT5 Datasheet HTML 9Page - Richtek Technology Corporation RT9172F-15GT5 Datasheet HTML 10Page - Richtek Technology Corporation RT9172F-15GT5 Datasheet HTML 11Page - Richtek Technology Corporation RT9172F-15GT5 Datasheet HTML 12Page - Richtek Technology Corporation RT9172F-15GT5 Datasheet HTML 13Page - Richtek Technology Corporation RT9172F-15GT5 Datasheet HTML 14Page - Richtek Technology Corporation RT9172F-15GT5 Datasheet HTML 15Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
RT9172
12
DS9172-14
March 2007
www.richtek.com
Dimensions In Millimeters
Dimensions In Inches
Symbol
Min
Max
Min
Max
A
1.450
1.803
0.057
0.071
A1
0.020
0.100
0.0008
0.0047
b
0.610
0.787
0.024
0.031
B
3.302
3.708
0.130
0.146
C
6.706
7.290
0.264
0.287
D
6.299
6.706
0.248
0.264
D1
2.896
3.150
0.114
0.124
e
2.261
2.362
0.089
0.093
H
0.229
0.330
0.009
0.013
L
1.550
1.950
0.061
0.077
L1
0.800
1.100
0.009
0.013
3-Lead SOT-223 Surface Mount Package
A
A1
b
H
B
D
D1
C
L
e
e
L1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com