Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT9172F-15GT5 Datasheet(PDF) 13 Page - Richtek Technology Corporation

Part # RT9172F-15GT5
Description  3A Fixed Output Voltage LDO Regulator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9172F-15GT5 Datasheet(HTML) 13 Page - Richtek Technology Corporation

Back Button RT9172F-15GT5 Datasheet HTML 7Page - Richtek Technology Corporation RT9172F-15GT5 Datasheet HTML 8Page - Richtek Technology Corporation RT9172F-15GT5 Datasheet HTML 9Page - Richtek Technology Corporation RT9172F-15GT5 Datasheet HTML 10Page - Richtek Technology Corporation RT9172F-15GT5 Datasheet HTML 11Page - Richtek Technology Corporation RT9172F-15GT5 Datasheet HTML 12Page - Richtek Technology Corporation RT9172F-15GT5 Datasheet HTML 13Page - Richtek Technology Corporation RT9172F-15GT5 Datasheet HTML 14Page - Richtek Technology Corporation RT9172F-15GT5 Datasheet HTML 15Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
RT9172
13
DS9172-14
March 2007
www.richtek.com
Dimensions In Millimeters
Dimensions In Inches
Symbol
Min
Max
Min
Max
A
4.064
4.826
0.160
0.190
A1
2.032
2.921
0.080
0.115
b
0.635
1.016
0.025
0.040
b2
0.305
0.559
0.012
0.022
C
1.143
1.397
0.045
0.055
e
1.524
1.829
0.060
0.072
D
9.779
10.668
0.385
0.420
E
7.620
9.398
0.300
0.370
E1
11.176
12.954
0.440
0.510
F
14.224
15.113
0.560
0.595
M
3.708
3.962
0.146
0.156
P
24.689
26.416
0.972
1.040
5-Lead TO-220 Plastic Package
C
b2
E
A1
A
D
M
P
E1
F
b
e



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com