Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT9201 Datasheet(PDF) 1 Page - Richtek Technology Corporation

Part # RT9201
Description  High Efficiency PWM Step-Down DC-DC Converter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9201 Datasheet(HTML) 1 Page - Richtek Technology Corporation

  RT9201 Datasheet HTML 1Page - Richtek Technology Corporation RT9201 Datasheet HTML 2Page - Richtek Technology Corporation RT9201 Datasheet HTML 3Page - Richtek Technology Corporation RT9201 Datasheet HTML 4Page - Richtek Technology Corporation RT9201 Datasheet HTML 5Page - Richtek Technology Corporation RT9201 Datasheet HTML 6Page - Richtek Technology Corporation RT9201 Datasheet HTML 7Page - Richtek Technology Corporation RT9201 Datasheet HTML 8Page - Richtek Technology Corporation RT9201 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
RT9201
1
DS9201-12 August 2007
www.richtek.com
Pin Configurations
High Efficiency PWM Step-Down DC-DC Converter
Ordering Information
Features
l
+2.5V to +5.5V Input Range
l
Adjustable Output From 0.85V to VIN
l
600mA Output Current
l
95% Efficiency
l
No Schottky Diode Required
l
85
µA Quiescent Current
l
100% Duty Cycle in Low-Dropout Mode
l
800kHz Fixed-Frequency PWM Operation
l
Pulse-skipping Mode Operation During Light Ioad
l
RoHS Compliant and 100% Lead (Pb)-Free
Applications
l
Cellular Telephones
l
Wireless Modems
l
Personal Information Appliances
l
Portable Instruments
l
Distributed Power Systems
l
Battery-Powered Equipment
(1 Li-Ion or 3 NiMH/NiCd)
(TOP VIEW)
VDFN-10L 3x3
General Description
The RT9201 is a high-efficiency pulse-width-modulated
(PWM) step-down DC-DC converter. Capable of delivering
600mA output current over a wide input voltage range
from 2.5 to 5.5V, the RT9201 is ideally suited for portable
electronic devices that are powered from 1-cell Li-ion
battery or from other power sources within the range such
as cellular phones, PDAs and handy-terminals.
Four operational modes are available: PWM, PSM, Low-
Dropout and shut-down modes. Internal synchronous
rectifier with low RDS(ON) dramatically reduces conduction
loss at PWM mode. No external Schottky diode is
required in practical application. The RT9201 auto-
matically turns off the synchronous rectifier while the
inductor current is low and enters discontinuous PWM
mode. This can increase efficiency at light load condition.
The RT9201 enters PSM (pulse-skipping mode) at
extremely light load condition. The equivalent switching
frequency is reduced to increase the efficiency in PSM.
The RT9201 enters Low-Dropout mode when normal
PWM cannot provide regulated output v oltage by
continuously turning on the upper P-MOSFET. RT9201
enters shut-down mode and consumes less than 0.1
µA
when EN pin is pulled low.
The switching ripple is easily smoothed-out by small
package filtering elements due to a fixed operation
frequency of 800kHz. This along with small VDFN package
provides small PCB area application. Other features
include soft start, 0.8V internal reference voltage with
1% accuracy, over temperature protection, and over
current protection.
Marking Information
For marking information, contact our sales representative
directly or through a Richtek distributor located in your
area, otherwise visit our website for detail.
Note :
Richtek Pb-free and Green products are :
}RoHS compliant and compatible with the current require-
ments of IPC/JEDEC J-STD-020.
}Suitable for use in SnPb or Pb-free soldering processes.
}100% matte tin (Sn) plating.
RT9201
Package Type
QV : VDFN-10L 3x3 (V-Type)
Operating Temperature Range
P : Pb Free with Commercial Standard
G : Green (Halogen Free with Commer-
cial Standard)
NC
VDD
PVDD
PGND
LX
EN
SS
FB
GND
NC
9
8
7
1
2
3
4
5
10
GND
11


Similar Part No. - RT9201

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9202 RICHTEK-RT9202 Datasheet
149Kb / 16P
SINGLE SYNCHRONOUS BUCK PWM DC-DC CONTROLLER
RT9202 RICHTEK-RT9202 Datasheet
197Kb / 14P
Single Synchronous Buck PWM DC-DC Controller
RT9202B RICHTEK-RT9202B Datasheet
197Kb / 14P
Single Synchronous Buck PWM DC-DC Controller
RT9202BGS RICHTEK-RT9202BGS Datasheet
197Kb / 14P
Single Synchronous Buck PWM DC-DC Controller
RT9202BPS RICHTEK-RT9202BPS Datasheet
197Kb / 14P
Single Synchronous Buck PWM DC-DC Controller
More results

Similar Description - RT9201

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8020 RICHTEK-RT8020 Datasheet
218Kb / 14P
Dual High-Efficiency PWM Step-Down DC-DC Converter
logo
ELM Technology Corporat...
ELM611DA ELM-TECH-ELM611DA Datasheet
983Kb / 11P
high efficiency synchronous PWM step down DC/DC converter
logo
Richtek Technology Corp...
RT8020 RICHTEK-RT8020_12 Datasheet
394Kb / 15P
Dual High-Efficiency PWM Step-Down DC/DC Converter
logo
ELM Technology Corporat...
ELM600XB ELM-TECH-ELM600XB_17 Datasheet
1Mb / 7P
high efficiency synchronous PWM step down DC/DC converter
logo
Diodes Incorporated
PAM2306 DIODES-PAM2306 Datasheet
570Kb / 15P
DUAL HIGH-EFFICIENCY PWM STEP-DOWN DC-DC CONVERTER
Rev 1
PAM2306D DIODES-PAM2306D Datasheet
358Kb / 12P
DUAL HIGH-EFFICIENCY PWM STEP-DOWN DC-DC CONVERTER
Rev 2
PAM2308 DIODES-PAM2308 Datasheet
552Kb / 15P
DUAL HIGH-EFFICIENCY PWM STEP-DOWN DC-DC CONVERTER
Rev 1
PAM2319 DIODES-PAM2319 Datasheet
355Kb / 12P
DUAL HIGH-EFFICIENCY PWM STEP-DOWN DC-DC CONVERTER
Rev 1
logo
Shenzhen Huazhimei Semi...
HM5202 HMSEMI-HM5202 Datasheet
660Kb / 8P
Dual High-Efficiency PWM Step-Down DC/DC Converter
logo
Diodes Incorporated
PAM2306 DIODES-PAM2306_V01 Datasheet
861Kb / 15P
DUAL HIGH-EFFICIENCY PWM STEP-DOWN DC-DC CONVERTER
Rev. 3 - 2 May 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com