Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT9201 Datasheet(PDF) 3 Page - Richtek Technology Corporation

Part # RT9201
Description  High Efficiency PWM Step-Down DC-DC Converter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9201 Datasheet(HTML) 3 Page - Richtek Technology Corporation

  RT9201 Datasheet HTML 1Page - Richtek Technology Corporation RT9201 Datasheet HTML 2Page - Richtek Technology Corporation RT9201 Datasheet HTML 3Page - Richtek Technology Corporation RT9201 Datasheet HTML 4Page - Richtek Technology Corporation RT9201 Datasheet HTML 5Page - Richtek Technology Corporation RT9201 Datasheet HTML 6Page - Richtek Technology Corporation RT9201 Datasheet HTML 7Page - Richtek Technology Corporation RT9201 Datasheet HTML 8Page - Richtek Technology Corporation RT9201 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
RT9201
3
DS9201-12 August 2007
www.richtek.com
Function Block Diagram
Functional Pin Description
Pin No.
Pin Name
Pin Function
1
EN
Tie this pin to 1.4V or higher to enable the device. Tie below 0.4V to shut-down.
2
SS
Soft Start, connect a capacitor from this pin to GND.
3
FB
Feedback Input pin. Connect a resistive voltage divider from the output voltage to FB
to GND.
4, 10
NC
No Connection.
5
GND
Analog Ground.
6
PGND
Power Ground.
7
LX
Switch node. Drains of the internal P-Channel and N-Channel MOSFET switches.
Connect an inductor to LX pins together as close as possible.
8
PVDD
Main Power Supply Pin.
9
VDD
Device Input Power Pin.
Exposed Pad (11) GND
The exposed pad must be soldered to a large PCB and connected to GND for
maximum power dissipation.
OSC & Shutdown
Control
Current
Sense
Control
Logic
Zero
Detector
Driver
Slope
Compensation
V
REF
LX
EN
PVDD
PGND
FB
SS
VDD
GND
PWM
Comparator
0.8V
Error
Amplifier
300k
Ω
Component Supplier
Part No.
Capacitance (uF)
Case Size
C2012X5R0J106M
10
0805
TDK
C3225X5R0J226M
22
1210
ECJ2FB0J106M
10
0805
Panasonic
ECJHVB0J226M
22
1206
JMK212BJ106M
10
0805
JMK212BJ226MG
22
0805
TAIYO YUDEN
JMK316BJ226ML
22
1206
Suggested Capacitors For CIN and COUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com