Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT9210GS Datasheet(PDF) 10 Page - Richtek Technology Corporation

Part # RT9210GS
Description  Dual 5V Synchronous Buck DC-DC PWM Controller for DDR Memory VDDQ and VTT Termination
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9210GS Datasheet(HTML) 10 Page - Richtek Technology Corporation

Back Button RT9210GS Datasheet HTML 6Page - Richtek Technology Corporation RT9210GS Datasheet HTML 7Page - Richtek Technology Corporation RT9210GS Datasheet HTML 8Page - Richtek Technology Corporation RT9210GS Datasheet HTML 9Page - Richtek Technology Corporation RT9210GS Datasheet HTML 10Page - Richtek Technology Corporation RT9210GS Datasheet HTML 11Page - Richtek Technology Corporation RT9210GS Datasheet HTML 12Page - Richtek Technology Corporation RT9210GS Datasheet HTML 13Page - Richtek Technology Corporation RT9210GS Datasheet HTML 14Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
RT9210
Preliminary
DS9210-05 March 2007
10
www.richtek.com
(
°C)
(
°C)
Reference Voltage vs. Temperature
0.791
0.792
0.793
0.794
0.795
0.796
0.797
0.798
0.799
0.8
0.801
0.802
-40
-10
20
50
80
110
140
Temperature
IOCSET vs. Temperature
30
35
40
45
50
55
-40
-10
20
50
80
110
140
Temperature
VTT Transient
Time (250
μs/Div)
VDDQ
ITT
VTT
50mV/Div
50mV/Div
5A/Div
V
IN = 5V, VTT = 1.25V, COUT = 2000μF
VDDQ Transient
Time (250
μs/Div)
VDDQ
IDDQ
VTT
50mV/Div
50mV/Div
5A/Div
V
IN = 5V, VDDQ = 2.5V, COUT = 2000μF
(
°C)
Frequency vs. Temperature
50
100
150
200
250
300
350
-40
-10
20
50
80
110
140
Temperature
VTT Sink & Source
Time (100
μs/Div)
VDDQ
ITT
VTT
100mV/Div
100mV/Div
5A/Div
V
IN = 5V,
V
DDQ = 2.5V,
V
TT = 1.25V
C
OUT = 2000μF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com