Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT9243GS Datasheet(PDF) 15 Page - Richtek Technology Corporation

Part # RT9243GS
Description  Multi-Phase PWM Controller for CPU Core Power Supply
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9243GS Datasheet(HTML) 15 Page - Richtek Technology Corporation

Back Button RT9243GS Datasheet HTML 10Page - Richtek Technology Corporation RT9243GS Datasheet HTML 11Page - Richtek Technology Corporation RT9243GS Datasheet HTML 12Page - Richtek Technology Corporation RT9243GS Datasheet HTML 13Page - Richtek Technology Corporation RT9243GS Datasheet HTML 14Page - Richtek Technology Corporation RT9243GS Datasheet HTML 15Page - Richtek Technology Corporation RT9243GS Datasheet HTML 16Page - Richtek Technology Corporation RT9243GS Datasheet HTML 17Page - Richtek Technology Corporation RT9243GS Datasheet HTML 18Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 15 / 18 page
background image
RT9243
15
DS9243-07 March 2007
www.richtek.com
Design Example
Given:
Apply for three phase converter
VIN = 12V
VCORE = 1.5V
ILOAD(MAX) = 60A
VDROOP = 120mV at full load
OCP trip point set at 33A for each channel (S/H)
RDS(ON) = 6m
Ω of low side MOSFET at 27°C
L = 2
μH
COUT = 9,000
μF with 2mΩ ESR.
For each channel the load current is 60A / 3 = 20A
and the ripple current,
ΔIL, is given as :
The load current, IL, at S/H is
.
Using the following formula to select the appropriate
IX (MAX) for the S/H of GM amplifier :
The suggested IX is in the order of 50 to 60
μA, select
RSP = RSN = 2k
Ω, then IX (MAX) will be 55μA.
VDROOP = 120mV = 55
μA × 2 × 3 (phase no.) ×
RADJ, therefore RADJ will be 360
Ω.
The RDS(ON) of MOSFET varies with temperature
rise. When the low side MOSFET working at 70
°C
and 5000ppm/
°C temperature coefficient of RDS(ON),
the RDS(ON) at 70
°C is given as :
6m
Ω × {1+ (70°C − 27°C) × 5000ppm/°C} = 7.3mΩ.
RADJ at 70
°C is given as :
RADJ_27°C × (RDS(ON)_27°C / RDS(ON)_70°C) = 296Ω
OCP trip point is internally set at around 100
μA of IX
for each channel. As above-selected RSP = RSN= 2k
Ω,
the OCP trip point is found using :
A
100
2KΩ
33A
6mΩ
R
I
R
I
SP
(TRIP)
L
DS(ON)
(OCP)
X
μ
=
×
=
×
=
CSS = 0.1
μF is the suitable value for most application.
Figure 5.
+
-
C1
FB
DACOUT
R3,C3 are used in type
3 compensation scheme
(left NC in type 2)
COMP
R2
C2
C3
R3
R1
> VDIF
Asymptotic Bode Plot of PWM Loop Gain
-60
-40
-20
0
20
40
60
80
100
10
100
1000
10000
100000
1000000 10000000
Frequency (Hz)
10
100
1K
10K
100K
1M
10M
Uncompensated EA Gain
Compensated EA Gain
Modulator Gain
PWM Loop Gain
Figure 6.
From the following formulas :
⎟
⎠
⎞
⎜
⎝
⎛
+
×
=
=
2
1
2
1
2
P
1
2
Z
x
R
x
2
1
F
,
x
R
x
2
1
F
C
C
C
C
π
C
π
1
2
R
R
Middle Band Gain =
By calculation, the FZ = 1kHz, FP = 200kHz and
Middle Band Gain is 10 (i.e 20dB).
The asymptotic bode plot of EA compensation and
PWM loop gain is shown as Figure 6.
4. Soft-Start Capacitor Selection
1. Compensation Setting
a. Modulator Gain, Pole and Zero:
From the following formula:
Modulator Gain =
=
= 4.2 (12.46dB)
where VRAMP : ramp amplitude of sawtooth wave
LC Filter Pole =
= 1.2kHz and
ESR Zero =
= 8.8kHz
b. EA Compensation Network :
Select R1 = 2.4k
Ω, R2 = 24kΩ, C1 = 6.6nF,
C2 = 33pF and use the type 2 compensation
scheme shown in Figure 5.
RAMP
IN
V
V
LC
x
2
1
π
12V
3
1.9V
2
×
OUT
1
2π x ESR x C
A
36
.
18
2
I
A
20
L =
Δ
−
SP
DS(ON)
(MAX)
X
R
18.36A
R
I
×
=
3.28A
12V
1.5V
1
x
2uH
1.5V
x
5us
=
⎟
⎠
⎞
⎜
⎝
⎛ −
2. Droop & DAC Offset Setting
3. Over-Current Protection Setting



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com