Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT9246PC Datasheet(PDF) 11 Page - Richtek Technology Corporation

Part # RT9246PC
Description  Multi-Phase PWM Controller for CPU Core Power Supply
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9246PC Datasheet(HTML) 11 Page - Richtek Technology Corporation

Back Button RT9246PC Datasheet HTML 7Page - Richtek Technology Corporation RT9246PC Datasheet HTML 8Page - Richtek Technology Corporation RT9246PC Datasheet HTML 9Page - Richtek Technology Corporation RT9246PC Datasheet HTML 10Page - Richtek Technology Corporation RT9246PC Datasheet HTML 11Page - Richtek Technology Corporation RT9246PC Datasheet HTML 12Page - Richtek Technology Corporation RT9246PC Datasheet HTML 13Page - Richtek Technology Corporation RT9246PC Datasheet HTML 14Page - Richtek Technology Corporation RT9246PC Datasheet HTML 15Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
RT9246
11
DS9246-06
March 2007
www.richtek.com
Application Information
RT9246 is a multi-phase DC/DC controller that precisely
regulates CPU core voltage and balances the current of
different power channels. The converter consisting of
RT9246 and its companion MOSFET driver provides high
quality CPU power and all protection functions to meet
the requirement of modern VRM.
Voltage Control
RT9246 senses the CPU VCORE by an precise instrumental
amplifier to minimize the voltage drop on PCB trace at
heavy load. VSEN & SGND are the differential inputs. VDIF
is the output node of the differential voltage & the input for
PGOOD & OVP sense. The internal high accuracy VID
DAC provides the reference voltage for K8 compliance.
Control loop consists of error amplifier, multi-phase pulse
width modulator, driver and power components. Like
conventional voltage mode PWM controller, the output
voltage is locked at the VREF of error amplifier and the
error signal is used as the control signal VC of pulse width
modulator. The PWM signals of different channels are
generated by comparison of EA output and split-phase
sawtooth wave. Power stage transforms VIN to output by
PWM signal on-time ratio.
Current Balance
RT9246 senses the current of low side MOSFET in each
synchronous rectifier when it is conducting for channel
current balance and droop tuning. The differential sensing
GM amplifier converts the voltage on the sense component
(can be a sense resistor or the RDS(ON) of the low side
MOSFET) to current signal into internal balance circuit.
The current balance circuit sums and averages the current
signals then produces the balancing signals injected to
pulse width modulator. If the current of some power
channel is greater than average, the balancing signal
reduces the output pulse width to keep the balance.
Load Droop
The sensed power channel current signals regulate the
reference of DAC to form a output voltage droop
proportional to the load current. The droop or so-called
“active voltage positioning” can reduce the output voltage
ripple at load transient and the LC filter size.
Fault Detection
The chip detects VCORE for over voltage and power good
detection. The
“hiccup mode” operation of over-current
protection is adopted to reduce the short circuit current.
The inrush current at the start up is suppressed by the
soft start circuit through clamping the pulse width and
output voltage.
Phase Setting and Converter Start Up
RT9246 interfaces with companion MOSFET drivers (like
RT9600, RT9602 or RT9603 series) for correct converter
initialization. The tri-state PWM output (high, low and high
impedance) pins sense the interface voltage at IC POR
period (both VCC and DVD trip). The channel is enabled if
the pin voltage is 1.2V less than VCC. Please tie the PWM
output to VCC and the current sense pins to GND or left
floating if the channel is unused. For 2-Channel application,
connect PWM3 high.
Current Sensing Setting
RT9246 senses the current of low side MOSFET in each
synchronous rectifier when it is conducting for channel
current balance and droop tuning. The differential sensing
GM amplifier converts the voltage on the sense component
(can be a sense resistor or the RDS(ON) of the low side
MOSFET) to current signal into internal circuit (see
Figure 1). Be careful to choose GND sense input, ISN, of
the GM amplifier for effective channel current balance.
Figure 1. Current Sense Circuit
+
-
GM
I
L
R
S
ISP1
ISN1
R
SP1
R
SN1
+
-
GM
I
L
R
S
ISP2
ISN23
R
SP2
R
SN23
-
+
GM
I
L
R
S
ISP3
R
SP3
Channel 2 & 3
GND return
I
BP
I
BN
I
BP
I
BN
I
BN
I
BP
I
X1
I
X2
I
X3
Sample
&
Hold
Current
Balance
Droop Tune
Over-Current
Detection
I
X
2I
X
I
X
<
<
<
Sample
&
Hold
Current
Balance
Droop Tune
Over-Current
Detection
I
X
2I
X
I
X
<
<
<
Sample
&
Hold
Current
Balance
Droop Tune
Over-Current
Detection
I
X
2I
X
I
X
<
<
<



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com