Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT9246PC Datasheet(PDF) 16 Page - Richtek Technology Corporation

Part # RT9246PC
Description  Multi-Phase PWM Controller for CPU Core Power Supply
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9246PC Datasheet(HTML) 16 Page - Richtek Technology Corporation

Back Button RT9246PC Datasheet HTML 9Page - Richtek Technology Corporation RT9246PC Datasheet HTML 10Page - Richtek Technology Corporation RT9246PC Datasheet HTML 11Page - Richtek Technology Corporation RT9246PC Datasheet HTML 12Page - Richtek Technology Corporation RT9246PC Datasheet HTML 13Page - Richtek Technology Corporation RT9246PC Datasheet HTML 14Page - Richtek Technology Corporation RT9246PC Datasheet HTML 15Page - Richtek Technology Corporation RT9246PC Datasheet HTML 16Page - Richtek Technology Corporation RT9246PC Datasheet HTML 17Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 16 / 17 page
background image
RT9246
16
DS9246-06
March 2007
www.richtek.com
Figure 8. Layout Consideration
PWM
IMAX
VOSS
ADJ
VCC
COMP
FB
VSEN
RT9246
ISPx
ISNx
+5V
IN
C
BP
C
C
R
SP
R
SN
C
OUT
R
C
R
FB
Next to IC
Locate next
to FB Pin
Kelvin
Sense
L
O1
V
CORE
C
IN
Locate near MOSFETs
C
BOOT
+12V or +5V
C
BP
+12V
For Thermal Couple
VCC
IN
PGND
BST
DRVH
SW
DRVL
RT9603
Next to IC
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com