Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT9246APC Datasheet(PDF) 6 Page - Richtek Technology Corporation

Part # RT9246APC
Description  Multi-Phase PWM Controller for CPU Core Power Supply
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9246APC Datasheet(HTML) 6 Page - Richtek Technology Corporation

Back Button RT9246APC Datasheet HTML 2Page - Richtek Technology Corporation RT9246APC Datasheet HTML 3Page - Richtek Technology Corporation RT9246APC Datasheet HTML 4Page - Richtek Technology Corporation RT9246APC Datasheet HTML 5Page - Richtek Technology Corporation RT9246APC Datasheet HTML 6Page - Richtek Technology Corporation RT9246APC Datasheet HTML 7Page - Richtek Technology Corporation RT9246APC Datasheet HTML 8Page - Richtek Technology Corporation RT9246APC Datasheet HTML 9Page - Richtek Technology Corporation RT9246APC Datasheet HTML 10Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
RT9246A
6
DS9246A-04 March 2007
www.richtek.com
Absolute Maximum Ratings
(Note 1)
Supply Voltage, VCC ------------------------------------------------------------------------------------------- 7V
Input, Output or I/O Voltage ---------------------------------------------------------------------------------- GND-0.3V to VCC+0.3V
Power Dissipation, PD @ TA = 25
°C
TSSOP-28 ------------------------------------------------------------------------------------------------------ 1W
Package Thermal Resistance (Note 4)
TSSOP-28,
θJA -------------------------------------------------------------------------------------------------- 100°C/W
Junction Temperature ------------------------------------------------------------------------------------------ 150
°C
Lead Temperature (Soldering, 10 sec.) -------------------------------------------------------------------- 260
°C
Storage Temperature Range ---------------------------------------------------------------------------------
−65°C to 150°C
ESD Susceptibility (Note 2)
HBM (Human Body Mode) ----------------------------------------------------------------------------------- 2kV
MM (Machine Mode) ------------------------------------------------------------------------------------------- 200V
Recommended Operating Conditions
(Note 3)
Supply Voltage, VCC ------------------------------------------------------------------------------------------- 5V
± 10%
Ambient Temperature Range --------------------------------------------------------------------------------- 0
°C to 70°C
Junction Temperature Range --------------------------------------------------------------------------------- 0
°C to 125°C
Electrical Characteristics
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
VCC Supply Current
Nominal Supply Current
ICC
PWM 1,2,3 Open
--
12
--
mA
Power-On Reset
POR Threshold
VCCRTH
VCC Rising
4.0
4.2
4.5
V
Hysteresis
VCCHYS
0.2
0.5
--
V
Input High
VDVDTH
Enable
0.9
1.0
1.1
V
VDVD Threshold
Input Low
VDVDHYS
--
60
--
mV
Oscillator
Free Running Frequency
fOSC
RRT = 20kΩ
170
200
230
kHz
Frequency Adjustable Range
fOSC_ADJ
50
--
400
kHz
Ramp Amplitude
ΔVOSC
RRT = 20kΩ
--
1.9
--
V
Ramp Valley
VRV
--
1.0
--
V
Maximum On-Time of Each Channel
62
66
75
%
RT Pin Voltage
VRT
RRT = 20kΩ
0.9
1.0
1.1
V
Reference and DAC
VDAC ≥ 1V
−1
--
+1
%
DACOUT Voltage Accuracy
ΔVDAC
VDAC < 1V
−10
--
+10
mV
DAC (VID0-VID4) Input Low
ΔVILDAC
--
--
0.8
V
DAC (VID0-VID4) Input High
ΔVIHDAC
1.2
--
--
V
To be continued
(VCC = 5V, TA = 25°C, unless otherwise specified)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com