Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT9246APC Datasheet(PDF) 3 Page - Richtek Technology Corporation

Part # RT9246APC
Description  Multi-Phase PWM Controller for CPU Core Power Supply
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9246APC Datasheet(HTML) 3 Page - Richtek Technology Corporation

  RT9246APC Datasheet HTML 1Page - Richtek Technology Corporation RT9246APC Datasheet HTML 2Page - Richtek Technology Corporation RT9246APC Datasheet HTML 3Page - Richtek Technology Corporation RT9246APC Datasheet HTML 4Page - Richtek Technology Corporation RT9246APC Datasheet HTML 5Page - Richtek Technology Corporation RT9246APC Datasheet HTML 6Page - Richtek Technology Corporation RT9246APC Datasheet HTML 7Page - Richtek Technology Corporation RT9246APC Datasheet HTML 8Page - Richtek Technology Corporation RT9246APC Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
RT9246A
3
DS9246A-04 March 2007
www.richtek.com
Functional Pin Description
VID4 (Pin 1), VID3 (Pin 2), VID2 (Pin 3), VID1 (Pin 4),
VID0 (Pin 5)
DAC voltage identification inputs for K8. These pins are
internally pulled to 2.2V if left open.
NC (Pin 6, Pin 20, Pin 24)
No Input Connection
FBRTN (Pin 7)
VCORE differential sense return.
FB (Pin 8)
Inverting input of the internal error amplifier.
COMP (Pin 9)
Output of the error amplifier and input of the PWM
comparator.
PGOOD (Pin 10)
Power good open-drain output.
DVD (Pin 11)
Programmable power UVLO detection or converter enable
input.
SS (Pin 12)
Connect this SS pin to GND with a capacitor to set the
soft-start time interval and to smooth VCORE transient at
VID Jump.
RT (Pin 13)
Switching frequency setting. Connect this pin to GND with
a resistor to set the frequency.
VOSS (Pin 14)
VCORE initial value offset. Connect this pin to GND with a
resistor to set the offset value.
IMAX (Pin 15)
Over-Current protection set.
ICOMMON (Pin 16)
Common negative input of current sense amplifiers for all
three channels.
IOUT (Pin 17)
Output current indication pin. The current through IOUT
pin is proportional to the output current.
ADJ (Pin 18)
Current sense output for active droop adjust. Connect a
resistor from this pin to GND to set the load droop.
GND (Pin 19)
IC ground.
ISP1 (Pin 23), ISP2 (Pin 22), ISP3 (Pin 21)
Current sense positive input pins for individual converter
channel current sensing.
PWM1 (Pin 27), PWM2 (Pin 26), PWM3 (Pin 25)
PWM outputs for each driven channel. Connect these pins
to the PWM input of the MOSFET driver. For systems
which use 2 channels, connect PWM3 high.
VCC (Pin 28)
IC power supply. Connect this pin to a 5V supply.
Oscillator Ferquency vs. RRT
0
100
200
300
400
500
600
700
0
10
2030
4050
6070
RRT (k◊ )
(k
Ω)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com