Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT9247PC Datasheet(PDF) 5 Page - Richtek Technology Corporation

Part # RT9247PC
Description  Multi-Phase PWM Controller for CPU Core Power Supply
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9247PC Datasheet(HTML) 5 Page - Richtek Technology Corporation

  RT9247PC Datasheet HTML 1Page - Richtek Technology Corporation RT9247PC Datasheet HTML 2Page - Richtek Technology Corporation RT9247PC Datasheet HTML 3Page - Richtek Technology Corporation RT9247PC Datasheet HTML 4Page - Richtek Technology Corporation RT9247PC Datasheet HTML 5Page - Richtek Technology Corporation RT9247PC Datasheet HTML 6Page - Richtek Technology Corporation RT9247PC Datasheet HTML 7Page - Richtek Technology Corporation RT9247PC Datasheet HTML 8Page - Richtek Technology Corporation RT9247PC Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
RT9247
Preliminary
5
DS9247-05
March 2007
www.richtek.com
Table 1. Output Voltage Program
To be continued
Pin Name
VID4
VID3
VID2
VID1
VID0
VID125
Nominal Output Voltage DACOUT
1
1
1
1
1
X
No CPU
0
1
0
1
0
0
0.8375V
0
1
0
0
1
1
0.850V
0
1
0
0
1
0
0.8625V
0
1
0
0
0
1
0.875V
0
1
0
0
0
0
0.8875V
0
0
1
1
1
1
0.900V
0
0
1
1
1
0
0.9125V
0
0
1
1
0
1
0.925V
0
0
1
1
0
0
0.9375V
0
0
1
0
1
1
0.950V
0
0
1
0
1
0
0.9625V
0
0
1
0
0
1
0.975V
0
0
1
0
0
0
0.9875V
0
0
0
1
1
1
1.000V
0
0
0
1
1
0
1.0125V
0
0
0
1
0
1
1.025V
0
0
0
1
0
0
1.0375V
0
0
0
0
1
1
1.050V
0
0
0
0
1
0
1.0625V
0
0
0
0
0
1
1.075V
0
0
0
0
0
0
1.0875V
1
1
1
1
0
1
1.100V
1
1
1
1
0
0
1.1125V
1
1
1
0
1
1
1.125V
1
1
1
0
1
0
1.1375V
1
1
1
0
0
1
1.150V
1
1
1
0
0
0
1.1625V
1
1
0
1
1
1
1.175V
1
1
0
1
1
0
1.1875V
1
1
0
1
0
1
1.200V
1
1
0
1
0
0
1.2125V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com