Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT9259GS Datasheet(PDF) 5 Page - Richtek Technology Corporation

Part # RT9259GS
Description  12V Synchronous Buck PWM DC-DC and Linear Power Controller
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9259GS Datasheet(HTML) 5 Page - Richtek Technology Corporation

  RT9259GS Datasheet HTML 1Page - Richtek Technology Corporation RT9259GS Datasheet HTML 2Page - Richtek Technology Corporation RT9259GS Datasheet HTML 3Page - Richtek Technology Corporation RT9259GS Datasheet HTML 4Page - Richtek Technology Corporation RT9259GS Datasheet HTML 5Page - Richtek Technology Corporation RT9259GS Datasheet HTML 6Page - Richtek Technology Corporation RT9259GS Datasheet HTML 7Page - Richtek Technology Corporation RT9259GS Datasheet HTML 8Page - Richtek Technology Corporation RT9259GS Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
RT9259
5
DS9259-03T00
August 2007
www.richtek.com
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
Oscillator
Free Running Frequency
fOSC
RRT = 110kΩ
250
300
350
kHz
Ramp Amplitude
--
1.6
--
V
Reference Voltage
PWM Error Amplifier Reference
VREF1
0.792
0.8
0.808
V
Linear Driver Reference
VREF2
0.784
0.8
0.816
V
Error Amplifier
DC Gain
70
88
--
dB
Gain-Bandwidth Product
GBW
CLOAD = 5pF
6
15
--
MHz
Slew Rate
SR
3
6
--
V/us
Gate Driver
Upper Drive Source
RUGATE
VBOOT − VPHASE = 12V,
VBOOT − VUGATE = 1V
--
4
8
Ω
Upper Drive Sink
RUGATE
VUGATE = 1V
--
4
8
Ω
Lower Drive Source
RLGATE
VCC – VLGATE = 1V
--
4
6
Ω
Lower Drive Sink
RLGATE
VLGATE = 1V
--
2
4
Ω
Protection
Under Voltage Protection
VUVP
0.36
0.4
0.45
V
Soft-Start Time Interval
TSS
2
3
4
ms
Over Current Threshold
VOC
--
-400
--
mV
RT_DIS Shutdown Threshold
0.35
0.4
--
V
Linear Regulator
Output High Voltage
VDRV
9.5
10.3
--
V
Output Low Voltage
VDRV
--
0.1
1
V
Source Current
IDRVSR
2
--
--
mA
Sink Current
IDRVSC
0.5
--
--
mA
Note 1. Stresses listed as the above "Absolute Maximum Ratings" may cause permanent damage to the device. These are for
stress ratings. Functional operation of the device at these or any other conditions beyond those indicated in the
operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended
periods may remain possibility to affect device reliability.
Note 2. Devices are ESD sensitive. Handling precaution recommended.
Note 3. The device is not guaranteed to function outside its operating conditions.
Note 4.
θJA is measured in the natural convection at TA = 25°C on a high effective 4-layers 2S2P thermal conductivity test board
of JEDEC 51-7 thermal measurement standard.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com