Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT9259GS Datasheet(PDF) 9 Page - Richtek Technology Corporation

Part # RT9259GS
Description  12V Synchronous Buck PWM DC-DC and Linear Power Controller
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9259GS Datasheet(HTML) 9 Page - Richtek Technology Corporation

Back Button RT9259GS Datasheet HTML 5Page - Richtek Technology Corporation RT9259GS Datasheet HTML 6Page - Richtek Technology Corporation RT9259GS Datasheet HTML 7Page - Richtek Technology Corporation RT9259GS Datasheet HTML 8Page - Richtek Technology Corporation RT9259GS Datasheet HTML 9Page - Richtek Technology Corporation RT9259GS Datasheet HTML 10Page - Richtek Technology Corporation RT9259GS Datasheet HTML 11Page - Richtek Technology Corporation RT9259GS Datasheet HTML 12Page - Richtek Technology Corporation RT9259GS Datasheet HTML 13Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
RT9259
9
DS9259-03T00
August 2007
www.richtek.com
Soft Start for Synchronous Buck Converter
A built-in soft-start is used to prevent surge current from
power supply input during power on (referring to the
Functional Block Diagram). The error amplifier EA is a three-
input device. SSE or VREF1 whichever is smaller dominates
the behavior non-inverting input. The internal soft start
voltage SSE linearly ramps up to about 4V after VIN1
existence is recognized with about 2ms delay. According,
the output voltage ramps up smoothly to its target level.
The rise time of output voltage is about 2ms as shown in
Figure 3. VREF1 takes over the behavior EA when SSE >
VREF1.
SSE is also used for LDO soft start. LDO input voltage
VIN2 MUST be ready before SSE starts to ramp up.
Otherwise UVP function of LDO may be triggered and shut
down the RT9259.
Figure 3 : Start up by RT_DIS
Under Voltage Protection
The voltages at FB and FBL pin are monitored for under
voltage protection (UVP) after the soft start is completed.
UVP is triggered if one of the feedback voltages is under
(50% x VREFX) with a 30us delay. As shown in Figure 4,
the RT9259 PWM controller is shut down when VFB drops
lower than the UVP threshold. In Figure 5, the RT9259
shuts down after 4 time UVP hiccups triggered by FBL.
Figure 4. UVP triggered by FB
Figure 5. UVP hiccups triggered by FBL
Time (1ms/Div)
RT_DIS
(500mV/Div)
UGATE
(20V/Div)
VOUT1
(500mV/Div)
LGATE
(10V/Div)
Over Current Protection
The RT9259 senses the current flowing through lower
MOSFET for over current protection (OCP) by sensing the
PHASE pin voltage as shown in the Functional Block
Diagram. A 40uA current source flows through internal 20k
Ω
ROCSET to PHASE pin causes 0.8V voltage drop across
the resistor. OCP is triggered if the voltage at PHASE pin
(drop of lower MOSFET VDS) is lower than
−0.4V when low
side MOSFET conducting. Accordingly inductor current
threshold for OCP is a function of conducting resistance
of lower MOSFET RDS(ON) as :
DS(ON)
DS(ON)
OCSET
OCSET
R
0.4V
R
0.4V
-
)
(20k
R
A
40
I
=
Ω
×
=
μ
Time (10ms/Div)
FB
(500mV/Div)
UGATE
(20V/Div)
VOUT
(20V/Div)
VIN1 = 12V to 0V
Time (10ms/Div)
LGATE
(10V/Div)
VOUT1
(1V/Div)
UGATE
(20V/Div)
COMP
(500mV/Div)
VIN2 = 0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com