Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT9259CGS Datasheet(PDF) 11 Page - Richtek Technology Corporation

Part # RT9259CGS
Description  12V Synchronous Buck PWM DC-DC and Linear Power Controller
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9259CGS Datasheet(HTML) 11 Page - Richtek Technology Corporation

Back Button RT9259CGS Datasheet HTML 7Page - Richtek Technology Corporation RT9259CGS Datasheet HTML 8Page - Richtek Technology Corporation RT9259CGS Datasheet HTML 9Page - Richtek Technology Corporation RT9259CGS Datasheet HTML 10Page - Richtek Technology Corporation RT9259CGS Datasheet HTML 11Page - Richtek Technology Corporation RT9259CGS Datasheet HTML 12Page - Richtek Technology Corporation RT9259CGS Datasheet HTML 13Page - Richtek Technology Corporation RT9259CGS Datasheet HTML 14Page - Richtek Technology Corporation RT9259CGS Datasheet HTML 15Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
RT9259C
11
DS9259C-03
August 2007
www.richtek.com
ESR
C
2
1
f
OUT
ESR
×
×
=
π
The ESR zero is contributed by the ESR associated with
the output capacitance. Note that this requires that the
output capacitor should have enough ESR to satisfy stability
requirements. The ESR zero of the output capacitor
expressed as follows :
2) Compensation Frequency Equations
The compensation network consists of the error amplifier
and the impedance networks ZC and ZF as shown in
Figure 9.
Figure 9. Compensation Loop
C2
x
R2
x
2
1
fZ1
π
=
C2
C1
C2
x
C1
x
R2
x
2
1
fP1
+
=
π
Figure 10 shows the DC-DC converter's gain vs. frequency.
The compensation gain uses external impedance networks
ZC and ZF to provide a stable, high bandwidth loop. High
crossover frequency is desirable for fast transient response,
+
-
FB
V
REF
COMP
EA
Z
C
Z
F
C1
C2
R2
R1
R
F
V
OUT
Figure 10. Bode Plot
Frequency
10Hz
100Hz
1.0KHz
10KHz
100KHz
1.0MHz
vdb(vo) vdb(comp2) vdb(lo)
-40
0
40
80
-60
10
100
1k
10k
100k
1M
80
40
0
20
60
-20
-40
-60
Loop Gain
Compensation
Gain
Modulator
Gain
Frequency (Hz)
but often jeopardize the system stability. In order to cancel
one of the LC filter poles, place the zero before the LC
filter resonant frequency. In the experience, place the zero
at 75% LC filter resonant frequency. Crossover frequency
should be higher than the ESR zero but less than 1/5 of
the switching frequency. The second pole is placed at half
the switching frequency.
Thermal Considerations
For continuous operation, do not exceed absolute
maximum operation junction temperature 125
°C. The
maximum power dissipation depends on the thermal
resistance of IC package, PCB layout, the rate of
surroundings airflow and temperature difference between
junction to ambient. The maximum power dissipation can
be calculated by following formula :
PD(MAX) = ( TJ(MAX)
− TA ) / θJA
Where TJ(MAX) is the maximum operation junction
temperature 125
°C, TAis the ambient temperature and the
θJA is the junction to ambient thermal resistance.
For recommended operating conditions specification of
RT9259C, where TJ(MAX) is the maximum junction
temperature of the die (125
°C) and TA is the maximum
ambient temperature. The junction to ambient thermal
resistance
θJA is layout dependent. For VQFN-16L 4x4
packages, the thermal resistance
θJA is 54°C/W on the
standard JEDEC 51-7 four-layers thermal test board.
The maximum power dissipation at TA = 25
°C can be
calculated by following formula :
PD(MAX) = ( 125
°C − 25°C ) / 54°C/W = 1.852 W for
QFN-16L 4x4 packages
PD(MAX) = ( 125
°C − 25°C) / 100°C/W = 1.000 W for
SOP-14 packages
PD(MAX) = ( 125
°C − 25°C ) / 110°C/W = 0.909 W for
SSOP-16 packages
The maximum power dissipation depends on operating
ambient temperature for fixed TJ (MAX) and thermal resistance
θJA. For RT9259C packages, the Figure 11 of derating
curves allows the designer to see the effect of rising
ambient temperature on the maximum power allowed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com