Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADV7403 Datasheet(PDF) 6 Page - Analog Devices

Part # ADV7403
Description  12-Bit, Integrated, Multiformat SDTV/HDTV Video Decoder and RGB Graphics Digitizer
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7403 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADV7403 Datasheet HTML 2Page - Analog Devices ADV7403 Datasheet HTML 3Page - Analog Devices ADV7403 Datasheet HTML 4Page - Analog Devices ADV7403 Datasheet HTML 5Page - Analog Devices ADV7403 Datasheet HTML 6Page - Analog Devices ADV7403 Datasheet HTML 7Page - Analog Devices ADV7403 Datasheet HTML 8Page - Analog Devices ADV7403 Datasheet HTML 9Page - Analog Devices ADV7403 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
ADV7403
Rev. SpA | Page 6 of 24
VIDEO SPECIFICATIONS
@ AVDD= 3.15 V to 3.45 V, DVDD = 1.65 V to 2.0 V, DVDDIO = 3.0 V to 3.6 V, PVDD = 1.71 V to 1.89 V. Operating temperature range,
unless otherwise noted.
Table 2.
Parameter1, ,
2 3
Symbol
Test Conditions
Min
Typ
Max
Unit
NONLINEAR SPECIFICATIONS
Differential Phase
DP
CVBS input, modulated 5 step
0.4
degree
Differential Gain
DG
CVBS input, modulated 5 step
0.4
%
Luma Nonlinearity
LNL
CVBS input, 5 step
0.4
%
NOISE SPECIFICATIONS
SNR Unweighted
Luma ramp
61
64
dB
SNR Unweighted
Luma flat field
64
65
dB
Analog Front End Crosstalk
60
dB
LOCK TIME SPECIFICATIONS
Horizontal Lock Range
−5
+5
%
Vertical Lock Range
40
70
Hz
FSC Subcarrier Lock Range
±1.3
kHz
Color Lock in Time
60
line
Sync Depth Range4
20
200
%
Color Burst Range
5
200
%
Vertical Lock Time
2
field
Horizontal Lock Time
100
line
CHROMA SPECIFICATIONS
Hue Accuracy
HUE
1
degree
Color Saturation Accuracy
CL_AC
1
%
Color AGC Range
5
400
%
Chroma Amplitude Error
0.4
%
Chroma Phase Error
0.3
degree
Chroma Luma Intermodulation
0.1
%
LUMA SPECIFICATIONS
Luma Brightness Accuracy
CVBS, 1 V input
1
%
Luma Contrast Accuracy
CVBS, 1 V input
1
%
1 The min/max specifications are guaranteed over this range.
2 Temperature range TMIN to TMAX: −40°C to +85°C (0°C to 70°C temperature range for ADV7403KSTZ-140).
3 Guaranteed by characterization.
4 Nominal sync depth is 300 mV at 100% sync depth range.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com