Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADV7403 Datasheet(PDF) 9 Page - Analog Devices

Part # ADV7403
Description  12-Bit, Integrated, Multiformat SDTV/HDTV Video Decoder and RGB Graphics Digitizer
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7403 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADV7403 Datasheet HTML 5Page - Analog Devices ADV7403 Datasheet HTML 6Page - Analog Devices ADV7403 Datasheet HTML 7Page - Analog Devices ADV7403 Datasheet HTML 8Page - Analog Devices ADV7403 Datasheet HTML 9Page - Analog Devices ADV7403 Datasheet HTML 10Page - Analog Devices ADV7403 Datasheet HTML 11Page - Analog Devices ADV7403 Datasheet HTML 12Page - Analog Devices ADV7403 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
ADV7403
Rev. SpA | Page 9 of 24
ABSOLUTE MAXIMUM RATINGS
STRESS RATINGS
Table 5.
Parameter
Rating
AVDD to AGND
4 V
DVDD to DGND
2.2 V
PVDD to AGND
2.2 V
DVDDIO to DGND
4 V
DVDDIO to AVDD
−0.3 V to +0.3 V
PVDD to DVDD
−0.3 V to +0.3 V
DVDDIO to PVDD
−0.3 V to +2 V
DVDDIO to DVDD
−0.3 V to +2 V
AVDD to PVDD
−0.3 V to +2 V
AVDD to DVDD
−0.3 V to +2 V
Digital Inputs Voltage to
DGND
DGND − 0.3 V to DVDDIO + 0.3 V
Digital Outputs Voltage to
DGND
DGND − 0.3 V to DVDDIO + 0.3 V
Analog Inputs to AGND
AGND − 0.3 V to AVDD + 0.3 V
Maximum Junction
Temperature (TJ MAX)
125°C
Storage Temperature Range
−65°C to +150°C
Infrared Reflow Soldering
(20 sec)
260°C
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
PACKAGE THERMAL PERFORMANCE
To reduce power consumption when using the part the user is
advised to turn off any unused ADCs .
The junction temperature must always stay below the
maximum junction temperature (TJ MAX) of 125°C. This
equation shows how to calculate the junction temperature:
TJ = TA Max + (θJA × WMax)
where:
TA Max = 85°C.
θJA = 30°C/W.
WMax = ((AVDD × IAVDD)+(DVDD × IDVDD)+ (DVDDIO ×
IDVDDIO) + (PVDD × IPVDD)).
THERMAL SPECIFICATIONS
Table 6.
Thermal Characteristics
Symbol
Test Conditions
Typ
Unit
Junction-to-Case Thermal Resistance
θJC
4-layer PCB with solid ground plane
7
°C/W
Junction-to-Ambient Thermal Resistance
θJA
4-layer PCB with solid ground plane (still air)
30
°C/W
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on the
human body and test equipment and can discharge without detection. Although this product features
proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy
electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance
degradation or loss of functionality.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com