Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT9277APF Datasheet(PDF) 8 Page - Richtek Technology Corporation

Part # RT9277APF
Description  High Performance, Low Noise Boost Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9277APF Datasheet(HTML) 8 Page - Richtek Technology Corporation

Back Button RT9277APF Datasheet HTML 4Page - Richtek Technology Corporation RT9277APF Datasheet HTML 5Page - Richtek Technology Corporation RT9277APF Datasheet HTML 6Page - Richtek Technology Corporation RT9277APF Datasheet HTML 7Page - Richtek Technology Corporation RT9277APF Datasheet HTML 8Page - Richtek Technology Corporation RT9277APF Datasheet HTML 9Page - Richtek Technology Corporation RT9277APF Datasheet HTML 10Page - Richtek Technology Corporation RT9277APF Datasheet HTML 11Page - Richtek Technology Corporation RT9277APF Datasheet HTML 12Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
RT9277A/B
Preliminary
8
DS9277A/B-02 March 2007
www.richtek.com
Output Voltage vs. Input Voltage
11.972
11.974
11.976
11.978
11.980
11.982
11.984
11.986
2.5
2.8
3.0
3.3
3.5
3.8
4.0
4.3
4.5
4.8
5.0
Input Voltage (V)
VOUT = 12V, IOUT = 1mA
640kHz
Output Voltage vs. Input Voltage
11.984
11.986
11.988
11.990
11.992
11.994
11.996
11.998
2.5
2.8
3.0
3.3
3.5
3.8
4.0
4.3
4.5
4.8
5.0
Input Voltage (V)
VOUT = 12V, IOUT = 1mA
1.2MHz
No Load Supply Current vs. Input Voltage
150
200
250
300
350
400
450
500
2.5
3
3.5
4
4.5
5
5.5
Input Voltage (V)
VOUT = 12V
640kHz
Current Limit vs. Input Voltage
1.2
1.3
1.4
1.5
1.6
1.7
1.8
2.5
3.0
3.5
4.0
4.5
5.0
5.5
Input Voltage (V)
VOUT = 12V
640kHz
VFB vs. Temperature
1.234
1.234
1.235
1.235
1.236
1.236
1.237
1.237
1.238
1.238
-40
-20
0
20
406080
100
Temperature
VIN = 3.3V, VOUT = 12V
1.2MHz
(
°C)
Frequency vs. Temperature
800
900
1000
1100
1200
1300
-40
-20
0
20
40
60
80
100
Temperature
VIN = 3.3V, VOUT = 12V
1.2MHz
(
°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com