Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT9277APF Datasheet(PDF) 11 Page - Richtek Technology Corporation

Part # RT9277APF
Description  High Performance, Low Noise Boost Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9277APF Datasheet(HTML) 11 Page - Richtek Technology Corporation

Back Button RT9277APF Datasheet HTML 4Page - Richtek Technology Corporation RT9277APF Datasheet HTML 5Page - Richtek Technology Corporation RT9277APF Datasheet HTML 6Page - Richtek Technology Corporation RT9277APF Datasheet HTML 7Page - Richtek Technology Corporation RT9277APF Datasheet HTML 8Page - Richtek Technology Corporation RT9277APF Datasheet HTML 9Page - Richtek Technology Corporation RT9277APF Datasheet HTML 10Page - Richtek Technology Corporation RT9277APF Datasheet HTML 11Page - Richtek Technology Corporation RT9277APF Datasheet HTML 12Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
RT9277A/B
Preliminary
11
DS9277A/B-02 March 2007
www.richtek.com
The best criterion to optimize the loop compensation is
by inspecting the transient response and adjusting the
compensation network.
Soft-Start Capacitor
The soft-start function begins from VSS = 0V to VSS = 1.24V
with a 4
μA constant current charging to the soft-start
capacitor, so the capacitor should be large enough to let
the output voltage reach regulation inside the soft-start
cycle. Typical value of soft-start capacitor range is from
10nF to 200nF. After the cycle finished, the load can start
to draw maximum current as required.
Layout Guideline
For high frequency switching power supplies, the PCB
layout is important step in system application design. In
order to let IC achieve good regulation, high efficiency and
stability, it is strongly recommended the power
components should be placed as close as possible. These
traces should be wide and short. The feedback pin and the
networks of feedback and compensation should keep away
from the power loops, and be shielded with a ground trace
or plane to prevent noise coupling.
2
2
OUT
ESR
IN
3
-
OUT
V
L1
R
0.005
C4
V
L1
10
0.4
C3
L1
C2
V
200
R3
×
×
=
×
×
=
×
×
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com