Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT9301 Datasheet(PDF) 1 Page - Richtek Technology Corporation

Part # RT9301
Description  3-Channel Low Dropout RGB LED Driver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9301 Datasheet(HTML) 1 Page - Richtek Technology Corporation

  RT9301 Datasheet HTML 1Page - Richtek Technology Corporation RT9301 Datasheet HTML 2Page - Richtek Technology Corporation RT9301 Datasheet HTML 3Page - Richtek Technology Corporation RT9301 Datasheet HTML 4Page - Richtek Technology Corporation RT9301 Datasheet HTML 5Page - Richtek Technology Corporation RT9301 Datasheet HTML 6Page - Richtek Technology Corporation RT9301 Datasheet HTML 7Page - Richtek Technology Corporation RT9301 Datasheet HTML 8Page - Richtek Technology Corporation RT9301 Datasheet HTML 9Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
RT9301
1
DS9301-02
March 2007
www.richtek.com
3-Channel Low Dropout RGB LED Driver
Ordering Information
(TOP VIEW)
TSOT-23-8
Pin Configurations
General Description
The RT9301 is a 3-Channel current source driver for RGB
LED. It is easy to be designed in applications that need
mixing RGB light source for multi-color output.
The RT9301 also provide users with great flexibility and
device performance. It uses a external resistor to set the
bias current for three LEDs, which are matched to 3%.
Users can adjust the output current from 2mA to 50mA by
setting the ISET resistor.
The RT9301 features very low dropout and under voltage
lockout protection. It is available in a space-saving TSOT-
23-8 package.
Features
Input Voltage Range : 2.8V to 5.5V
Low 60/45mV Dropout at 20/15mA
Individual Current Setting by External Resistor
Individual On/Off Control by Baseband MPU
Up to 50mA LED Bias Current
Simple LED Brightness Control
3% LED Current Matching
Low 0.1uA Shutdown Current
UVLO Protection
Tiny TSOT-23-8 Package
Applications
Mobile phone, Smart Phone Multi-color LED Backlight
Camera Flash White LED
LCD Display Modules
Keypad Backlight
Marking Information
For marking information, contact our sales representative
directly or through a RichTek distributor located in your
area, otherwise visit our website for detail.
5
2
3
7
8
1
4
6
Note : There is no pin1 indicator on top mark for TSOT-23-8
type, and pin 1 will be lower left pin when reading top mark
from left to right.
Note :
RichTek Pb-free and Green products are :
RoHS compliant and compatible with the current require-
ments of IPC/JEDEC J-STD-020.
Suitable for use in SnPb or Pb-free soldering processes.
100%matte tin (Sn) plating.
RT9301
Package Type
J8 : TSOT-23-8
Operating Temperature Range
P : Pb Free with Commercial Standard
G : Green (Halogen Free with Commer-
cial Standard)


Similar Part No. - RT9301

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9301 RICHTEK-RT9301_11 Datasheet
273Kb / 10P
3-Channel Low Dropout RGB LED Driver
More results

Similar Description - RT9301

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MBI1009 ETC1-MBI1009 Datasheet
152Kb / 8P
3-Channel RGB LED Lamp Driver
MBI6010 ETC-MBI6010 Datasheet
187Kb / 4P
3-Channel Driver for RGB LED Cluster
logo
YOBON TECHNOLOGIES,INC.
YB1303 YOBON-YB1303 Datasheet
443Kb / 8P
Low Dropout LED Driver
logo
ON Semiconductor
CAT4103V-GT2 ONSEMI-CAT4103V-GT2 Datasheet
243Kb / 13P
3-Channel Constant-Current RGB LED Driver
Doc. No. MD-5038, Rev. A
CAT4103 ONSEMI-CAT4103 Datasheet
162Kb / 13P
3-Channel Constant-Current RGB LED Driver
March, 2010 ??Rev. 1
logo
Richtek Technology Corp...
RT9301 RICHTEK-RT9301_11 Datasheet
273Kb / 10P
3-Channel Low Dropout RGB LED Driver
logo
Intersil Corporation
ISL97900 INTERSIL-ISL97900 Datasheet
151Kb / 2P
RGB Buck-Boost 3-Channel Color Sequencing LED Driver
November 19, 2012
logo
ON Semiconductor
CAT4109 ONSEMI-CAT4109_15 Datasheet
187Kb / 10P
3-Channel Constant-Current RGB LED Driver
May, 2015 ??Rev. 6
logo
Renesas Technology Corp
ISL97900 RENESAS-ISL97900 Datasheet
206Kb / 2P
RGB Buck-Boost 3-Channel Color Sequencing LED Driver
logo
MOSDESIGN SEMICONDUCTOR...
M1355 MOSDESIGN-M1355 Datasheet
253Kb / 6P
3-CHANNEL RGB LED LAMP DRIVER
2009-12-17
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com