Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HE847701 Datasheet(PDF) 5 Page - King blillion Electronics Co.,Ltd.

Part # HE847701
Description  8-bit Micro-controller
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KB [King blillion Electronics Co.,Ltd.]
Direct Link  
Logo KB - King blillion Electronics Co.,Ltd.

HE847701 Datasheet(HTML) 5 Page - King blillion Electronics Co.,Ltd.

  HE847701 Datasheet HTML 1Page - King blillion Electronics Co.,Ltd. HE847701 Datasheet HTML 2Page - King blillion Electronics Co.,Ltd. HE847701 Datasheet HTML 3Page - King blillion Electronics Co.,Ltd. HE847701 Datasheet HTML 4Page - King blillion Electronics Co.,Ltd. HE847701 Datasheet HTML 5Page - King blillion Electronics Co.,Ltd. HE847701 Datasheet HTML 6Page - King blillion Electronics Co.,Ltd. HE847701 Datasheet HTML 7Page - King blillion Electronics Co.,Ltd. HE847701 Datasheet HTML 8Page - King blillion Electronics Co.,Ltd. HE847701 Datasheet HTML 9Page - King blillion Electronics Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
King Billion Electronics Co., Ltd
駿
億
電
子
股
份
有
限
公
司
HE847701
HE80000 SERIES
March 26, 2004
Page 5 of 29
V1.03
This specification is subject to change without notice. Please contact sales person for the latest version before use.
Pin Name
Pin # I/O
Description
FXO,
FXI
107, 108
O,
B
External fast clock pin. Two types of oscillator can be selected by MO_FXTAL (‘0’
for RC type and ‘1’ for crystal type). For RC type oscillator, one resistor need to be
connected between FXI and GND. For crystal oscillator, one crystal need to be
placed between FXI and FXO. Please refer to application circuit for details.
TSTP_P
109
I
Test input pin. Please bond this pad and reserve a test point on PCB for debugging.
But for improving ESD, please connect this point with zero Ohm resistor to GND
.
SXO,
SXI
110, 111
O,
I
External slow clock pins. Slow clock is clock source for LCD display, TIMER1,
Time-Base and other internal blocks. Both crystal and RC oscillator are provided.
The slow clock type can be selected by mask option MO_SXTAL. Choose ‘0’ for RC
type and ‘1’ for crystal oscillator.
VDD
112
P
Positive power Input. 0.1 µF decoupling capacitors should be placed as close to IC
VDD and GND pads as possible for best decoupling effect.
PRT10[7..0]
113~120 B
8-bit bi-directional I/O port 10. The output type of I/O pad can be selected by mask
option MO_10PP[7..0] (‘1’ for push-pull and ‘0’ for open-drain).
As the output structure of I/O pad does not contain tri-state buffer. When using the
I/O pad as input pad, “1” must be outputted before reading.
PRTD[7..0]
121~128 B
8-bit bi-directional I/O port D. The output type of I/O pad can also be selected by
mask option MO_DPP[7..0] (‘1’ for push-pull and ‘0’ for open-drain).
As the output structure of I/O pad does not contain tri-state buffer. When using the
I/O as input, ‘1’ must be outputted before reading the pin.
PRTD[7..2] can be used as wake-up pins. PRTD[7..6] can be as external interrupt
sources.
GND_PWM
129
O Dedicated Ground for PWM output.
PWM
130
O
The PWM output can drive speaker or buzzer directly. Set the bit2 of VOC register
as one to turn on PWM. Using VDD & PWM to drive output device.
PRTC[7..0]
131 ~
138
B
8-bit bi-directional I/O port C. PRTC[7:4] is shared with Key Scan Dedicated Input
SCNI[3:0]. The Key Scan function can be disabled by clearing MO_LCDKEY mask
option to ‘0’.
The output type of I/O pad can also be selected by mask option MO_CPP[7..0] (‘1’
for push-pull and ‘0’ for open-drain).
As the output structure of I/O pad does not contain tri-state buffer. When using the
I/O as input, ‘1’ must be outputted before reading the pin.
VDD_RAM
139
P
Dedicated power input for RAM
CMSG[32..79] 140~187 O
COM[32..79] pads are shared with SEG[127..80] outputs. The functions of the pads
to be COM drivers or SEG drivers can be selected by mask option MO_COM[0].
Please refer to LCD driver configuration for details.
I: Input, O: Output, B: Bidirectional, P: Power.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com