Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HE847701 Datasheet(PDF) 18 Page - King blillion Electronics Co.,Ltd.

Part # HE847701
Description  8-bit Micro-controller
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KB [King blillion Electronics Co.,Ltd.]
Direct Link  
Logo KB - King blillion Electronics Co.,Ltd.

HE847701 Datasheet(HTML) 18 Page - King blillion Electronics Co.,Ltd.

Back Button HE847701 Datasheet HTML 14Page - King blillion Electronics Co.,Ltd. HE847701 Datasheet HTML 15Page - King blillion Electronics Co.,Ltd. HE847701 Datasheet HTML 16Page - King blillion Electronics Co.,Ltd. HE847701 Datasheet HTML 17Page - King blillion Electronics Co.,Ltd. HE847701 Datasheet HTML 18Page - King blillion Electronics Co.,Ltd. HE847701 Datasheet HTML 19Page - King blillion Electronics Co.,Ltd. HE847701 Datasheet HTML 20Page - King blillion Electronics Co.,Ltd. HE847701 Datasheet HTML 21Page - King blillion Electronics Co.,Ltd. HE847701 Datasheet HTML 22Page - King blillion Electronics Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 29 page
background image
King Billion Electronics Co., Ltd
駿
億
電
子
股
份
有
限
公
司
HE847701
HE80000 SERIES
March 26, 2004
Page 18 of 29
V1.03
This specification is subject to change without notice. Please contact sales person for the latest version before use.
SCNO2
0x82
0xA2 0xC2 0xE2
SCNO3
0x83
0xA3 0xC3 0xE3
SCNO4
0x84
0xA4 0xC4 0xE4
SCNO5
0x85
0xA5 0xC5 0xE5
SCNO6
0x86
0xA6 0xC6 0xE6
SCNO7
0x87
0xA7 0xC7 0xE7
SCNO8
0x88
0xA8 0xC8 0xE8
SCNO9
0x89
0xA9 0xC9 0xE9
SCNO10 0x8A 0xAA 0xCA 0xEA
SCNO11 0x8B 0xAB 0xCB 0xEB
SCNO12 0x8C 0xAC 0xCC 0xEC
SCNO13 0x8D 0xAD 0xCD 0xED
SCNO14 0x8E 0xAE 0xCE 0xEE
SCNO15 0x8F 0xAF 0xCF 0xEF
SCNO16 0x90
0xB0 0xD0 0xF0
SCNO17 0x91
0xB1 0xD1 0xF1
SCNO18 0x92
0xB2 0xD2 0xF2
SCNO19 0x93
0xB3 0xD3 0xF3
KEY0
BIT7
BIT6
BIT5
BIT4
BIT3
BIT2
BIT1
BIT0
0x22
R
Row Index
Column Index
KEY1
BIT7
BIT6
BIT5
BIT4
BIT3
BIT2
BIT1
BIT0
0x23
R
Row Index
Column Index
The bit 7 of KEY0 and KEY1 is repeat indicator when the same key is scanned for the second time, the R
bit will be cleared to indicate the key is not released yet.
The key-scan function can be turned on/off by mask option MO_LCDKEY.
MO_LCDKEY
SGKY[43..24] Function
0
as SEG only
1
as SEG as well as KEY_SCAN
The pulse width of key-scan signal can be selected by mask options MO_SNCK[1..0].
MO_SNCK[1..0]
Key Scan Pulse Width
00
0.5 sck
01
1 sck
10
1.5 sck
11
2 sck
The strength of key-scan signal can also be selected by mask options MO_SNCK[1..0].
MO_SCDRV[1..0]
Key Scan Signal Strength
00
weakest
01
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com