Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HE85750 Datasheet(PDF) 21 Page - King blillion Electronics Co.,Ltd.

Part # HE85750
Description  8-bit Micro-controller
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KB [King blillion Electronics Co.,Ltd.]
Direct Link  
Logo KB - King blillion Electronics Co.,Ltd.

HE85750 Datasheet(HTML) 21 Page - King blillion Electronics Co.,Ltd.

Back Button HE85750 Datasheet HTML 15Page - King blillion Electronics Co.,Ltd. HE85750 Datasheet HTML 16Page - King blillion Electronics Co.,Ltd. HE85750 Datasheet HTML 17Page - King blillion Electronics Co.,Ltd. HE85750 Datasheet HTML 18Page - King blillion Electronics Co.,Ltd. HE85750 Datasheet HTML 19Page - King blillion Electronics Co.,Ltd. HE85750 Datasheet HTML 20Page - King blillion Electronics Co.,Ltd. HE85750 Datasheet HTML 21Page - King blillion Electronics Co.,Ltd. HE85750 Datasheet HTML 22Page - King blillion Electronics Co.,Ltd. HE85750 Datasheet HTML 23Page - King blillion Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
King Billion Electronics Co., Ltd
駿
億
電
子
股
份
有
限
公
司
HE85750
HE80000 SERIES
2003/7/30
21
V1.52E
This specification is subject to change without notice. Please contact sales person for the latest version before use.
VDD
VDD
VDD
VDD
VDD
VDD
VDD
SXO
SXI
FXI
FXI
SXI
SXO
SXO
LV1
FXI
FXO
FXO
SXI
LC1
SXO
LC2
LV2
LV1
LC1
LC2
LC1
LV2
LC2
LC2
LC1
LV3
LV2
LV3
LV3
LV2
LV1
LV3
LV1
C5
0.1uF
C6
0.1uF
C6
0.1uF
C8 0.1uF
C9 0.1uF
C7 0.1uF
C9 0.1uF
C: Please Ref. AN016
R: Please ref. AN016
20P
32.768K
R > 8.2 KOhm
20P
20P
C3
0.1uF
C2
100uF
BATTERY1
3V
C1
0.1uF
C2
0.1uF
C3
0.1uF
Q1
NPN
SP1
SPEAKER
VR1
?K Ohm
2MHZ
C1
0.1uF
C4
0.1uF
R1
50K
HE85750
VDD
FXO
FXI
SXI
SXO
LC1
LC2
LV1
LV3 < 7 Volt
LVG
VO
PWM
COM[31:0]
PRT14[7:0]/SEG[23:16]
PRTD[7:0]
RSTP_N
GND
OPIN
OPIP
OPO
LR4
LR3
LR2
LR1
LR0
PRTC[7:4]/SCNI[3:0]
SGKY[43:24]/SCNO[19:0]
PRT15[7:0]/SEG[15:8]
PRT17[7:0]/SEG[7:0]
CMSG[47:32]
LV2
20P
SW1
RESET
CONFIGURATION
32 COM:1/7 BIAS
48 COM:1/8 BIAS
External Slow Clock:
RC osc.
No External Parts is
necessary if user adopt
Internal Fast RC
Clock
External Fast Clock:
Crystal osc.
External Fast Clock:
RC osc.
External Slow Clock:
Crystal osc.
LCD PANEL
Passive
Bias &
Filter
Circuit
Buzzer
or
Speaker
Circuit
Please Refer
AN022 for Speech
Output Circuit
KEY SCAN
Triple Charge Pump is selected
LCD Max. Voltage=LV3=3*VDD
Triple Charge Pump is selected
LCD Max. Voltage=LV3=3/2*VDD
Triple Charge Pump is selected
LCD Max. Voltage=LV3=VDD
No Capacitor
Floating
Floating



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com