Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HE85750 Datasheet(PDF) 3 Page - King blillion Electronics Co.,Ltd.

Part # HE85750
Description  8-bit Micro-controller
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KB [King blillion Electronics Co.,Ltd.]
Direct Link  
Logo KB - King blillion Electronics Co.,Ltd.

HE85750 Datasheet(HTML) 3 Page - King blillion Electronics Co.,Ltd.

  HE85750 Datasheet HTML 1Page - King blillion Electronics Co.,Ltd. HE85750 Datasheet HTML 2Page - King blillion Electronics Co.,Ltd. HE85750 Datasheet HTML 3Page - King blillion Electronics Co.,Ltd. HE85750 Datasheet HTML 4Page - King blillion Electronics Co.,Ltd. HE85750 Datasheet HTML 5Page - King blillion Electronics Co.,Ltd. HE85750 Datasheet HTML 6Page - King blillion Electronics Co.,Ltd. HE85750 Datasheet HTML 7Page - King blillion Electronics Co.,Ltd. HE85750 Datasheet HTML 8Page - King blillion Electronics Co.,Ltd. HE85750 Datasheet HTML 9Page - King blillion Electronics Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
King Billion Electronics Co., Ltd
駿
億
電
子
股
份
有
限
公
司
HE85750
HE80000 SERIES
2003/7/30
3
V1.52E
This specification is subject to change without notice. Please contact sales person for the latest version before use.
Pin No
Pin Name
I/O
Function
Description
34..
37
PRTC[7:4]
B 4-pin bi-directional I/O port.
Mask options:
MO_CPP[7..5]=1 ~ Push-pull.
=0 ~ Open-drain.
Output must be “1” before reading whenever uses them as
input (No tri-state structure).
24..
31
PRTD[7:0]
B
8-pin bi-directional I/O port.
PRTD[7..2] as wake-up pin.
PRTD[7..6] as external interrupt
pin.
Mask options:
MO_DPP[7..0]=1 ~ Push-pull.
=0 ~ Open-drain.
Output must be “1” before reading whenever uses them as
input (No tri-state structure).
94..
101
PRT14[7:0]/
SEG[23:16]
B/
O
8-pin bi-directional I/O port that
is shared with LCD segment pin.
Mask options:
MO_LIO14[7..0]=1 ~ LCD Pin.
=0 ~ I/O Pin.
MO_14PP[7..0]=1 ~ Push-pull.
=0 ~ Open-drain.
Output must be “1” before reading whenever uses them as
input (No tri-state structure).
102..
109
PRT15[7:0]/
SEG[15:8]
B/
O
8-pin bi-directional I/O port that
is shared with LCD segment pin.
Mask options:
MO_LIO15[7..0]=1 ~ LCD Pin.
=0 ~ I/O Pin.
MO_15PP[7..0]=1 ~ Push-pull.
=0 ~ Open-drain.
Output must be “1” before reading whenever uses them as
input (No tri-state structure).
110..
117
PRT17[7:0]/
SEG[7:0]
B/
O
8-pin bi-directional I/O port that
is shared with LCD segment pin.
Mask options:
MO_LIO17[7..0]=1 ~ LCD Pin.
=0 ~ I/O Pin.
MO_17PP[7..0]=1 ~ Push-pull.
=0 ~ Open-drain.
Output must be “1” before reading whenever uses them as
input (No tri-state structure).
53..38
118..
133
COM[31:0]
O LCD COMMON Output
69..54 CMSG[47:32]
O COM[47:32] / SEG[48:63]
70..93
SEG[47:24]
O LCD SEGMENT Output
LCD Data filled from PAGE 6 and 7, please refer the LCD
RAM map.
2
LC2
B Charge Pump Switch 1
1
LC1
B Charge Pump Switch 2
Add one 0.1 µF capacitor between LC1 and LC2. Please
refer the application circuit.
5
L V3
B Charge Pump V3
4
L V2
B Charge Pump V2
3
L V1
B Charge Pump V1
LV3< 8.5 Volts.
Please refer the application circuit.
6..10
LR[4..0]
B LCD Resister level 4 ~ 1
Please refer the application circuit.
11
L VG
I
LCD Virtual Ground
Please refer the application circuit.
33
PWM
O
The PWM positive output can
drive speaker or buzzer directly.
Set the bit2 of VOC register as one to turn on PWM.
13
VO
O D/A output.
Bit 1 of VOC = ‘1’ , Turn on DA
14
OPIN
I
DAC Voice Output
15
OPIP
I
OPAMP negative input pin.
16
OPO
O OPAMP positive input pin.
Set the VOC[1] (DA=1) to turn on DAC with VO output.
Built-in OP comparator. Set the VOC[0] = ‘1’ , Turn on OP
23
VDD
P OPAMP output pin.
12
GND
P Power Ground Input
32
GND_PWM
P Dedicated PWM Ground
All of power must connect to power source, can not be
floating.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com