Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS02 Datasheet(PDF) 3 Page - Same Sky Devices

Part # PS02
Description  PRESSURE SENSOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMESKY [Same Sky Devices]
Direct Link  https://www.sameskydevices.com/
Logo SAMESKY - Same Sky Devices

PS02 Datasheet(HTML) 3 Page - Same Sky Devices

  PS02 Datasheet HTML 1Page - Same Sky Devices PS02 Datasheet HTML 2Page - Same Sky Devices PS02 Datasheet HTML 3Page - Same Sky Devices PS02 Datasheet HTML 4Page - Same Sky Devices PS02 Datasheet HTML 5Page - Same Sky Devices PS02 Datasheet HTML 6Page - Same Sky Devices PS02 Datasheet HTML 7Page - Same Sky Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
SAME SKY | SERIES: PS02 | DESCRIPTION: PRESSURE SENSOR
date 09/12/2024 | page 3 of 7
sameskydevices.com
MECHANICAL DRAWING
units: mm
tolerance: ±0.1 mm
unless otherwise noted
WIRE CONNECTIONS
Wire Color
Function
Red
VDD
Blue
GND
Yellow
SCL
White
SDA
ITEM DESCRIPTION
MATERIAL
PLATING/COLOR
A
housing
SS 316L
B
diaphragm
SS 316L
C
oil filling
silicon oil
D
o-ring
NBR
black
E
wires
silicon; OD: 1.4 mm; 0.15 mm²
O-ring
Tube only present on gauge pressure models
INTERFACE DIAGRAM
Additional Resources: Product Page | 3D Model



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com