Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS02 Datasheet(PDF) 4 Page - Same Sky Devices

Part # PS02
Description  PRESSURE SENSOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMESKY [Same Sky Devices]
Direct Link  https://www.sameskydevices.com/
Logo SAMESKY - Same Sky Devices

PS02 Datasheet(HTML) 4 Page - Same Sky Devices

  PS02 Datasheet HTML 1Page - Same Sky Devices PS02 Datasheet HTML 2Page - Same Sky Devices PS02 Datasheet HTML 3Page - Same Sky Devices PS02 Datasheet HTML 4Page - Same Sky Devices PS02 Datasheet HTML 5Page - Same Sky Devices PS02 Datasheet HTML 6Page - Same Sky Devices PS02 Datasheet HTML 7Page - Same Sky Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
SAME SKY | SERIES: PS02 | DESCRIPTION: PRESSURE SENSOR
date 09/12/2024 | page 4 of 7
sameskydevices.com
I2C OPERATION
S
P
A
N
from master to slave
from slave to master
START condition
STOP condition
acknowledge
not acknowledge
SP
AA
SlaveAddr
0
Command
write
Convert Pressure Value
Pressure (kPa) = P
max/0.8*(x/2
23
-0.1)
Read Data
P
N
A
SA
A
SlaveAddr
1
Measurement
<23:16>
read
Measurement
<15:8>
Measurement
<7:0>
Command Request
I2C slave address: Ox06D
Pressure Command: 0x06
Temperature Command: 0x09
Convert Temperature Value
For x<223: Temperature (⁰C) = x/216+25
For x
≥223: Temperature (⁰C) = (x-224)/216+25
Steps to read data from PS02 sensor
1. Write the corresponding command to the sensor (0x06 for pressure, 0x09 for temperature).
2. Read three bytes from the sensor.
3. Combine these three bytes into a single 24-bit value.
4. Convert the 24-bit value to a standard pressure or temperature unit using the formulas below.
Additional Resources: Product Page | 3D Model



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com