Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT9902 Datasheet(PDF) 7 Page - Richtek Technology Corporation

Part # RT9902
Description  4 Channel DC/DC Converters IC with High-Efficiency Step-Up and Step-Down
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9902 Datasheet(HTML) 7 Page - Richtek Technology Corporation

Back Button RT9902 Datasheet HTML 3Page - Richtek Technology Corporation RT9902 Datasheet HTML 4Page - Richtek Technology Corporation RT9902 Datasheet HTML 5Page - Richtek Technology Corporation RT9902 Datasheet HTML 6Page - Richtek Technology Corporation RT9902 Datasheet HTML 7Page - Richtek Technology Corporation RT9902 Datasheet HTML 8Page - Richtek Technology Corporation RT9902 Datasheet HTML 9Page - Richtek Technology Corporation RT9902 Datasheet HTML 10Page - Richtek Technology Corporation RT9902 Datasheet HTML 11Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
RT9902
Preliminary
7
DS9902-10 August 2007
www.richtek.com
Electrical Characteristics
(VDDM =3.3V, TA = 25°C, Unless Otherwise specification)
To be continued
Parameter
Symbol
Test Condition
Min
Typ
Max
Units
Supply Voltage
Minimum Startup Voltage (Boost)
VST
Boost loading < 1mA
--
1.5
--
V
VDDM Operating Voltage
VVDDM
VDDM Pin Voltage
2.4
--
5.5
V
VDD1, VDD2, VDD3 Operating
Voltage
VVDD1
VVDD2,
VVDD3
VDD1, VDD2, VDD3 Pin
Voltage
1.5
5.5
V
VDDM Over Voltage Protection
--
6.5
--
V
Supply Current
Shutdown Supply Current
IOFF
VENM pin=0V
--
0.01
1
μA
Charge Pump Current
IVDDM
VVDDM = 3.3V, VENM = 3.3V,
VEN1 = 0V, VEN2 = 0V,
VEN3 = 0V
--
30
42
μA
CH1 DC/DC Converter + Linear
Controller Supply Current
IVDDM
VVDDM = 3.3V,
VFB1 = 0.9V
VENM = 3.3V, VEN1 = 3.3V,
VEN2 = 0V, VEN3 = 0V
--
250
350
μA
CH2 DC/DC Converter Supply
Current
IVDDM
VVDDM = 3.3V,
VFB2 = 0.9V
VENM = 3.3V, VEN1 = 0V,
VEN2 = 3.3V, VEN3 = 0V
--
250
350
μA
CH3 DC/DC Converter Supply
Current
IVDDM
VVDDM = 3.3V,
VFB3 = 0.9V
VENM = 3.3V, VEN1 = 0V,
VEN2 = 0V, VEN3 = 3.3V
--
250
350
μA
Absolute Maximum Ratings
Supply Input Voltage (VDDM, VDD1, VDD2,VDD3,VDDC) -----------------------------------------------------
−0.3 to 7V
LX1 Pin Switch Voltage -----------------------------------------------------------------------------------------
−0.3V to 7V
LX2 Pin Switch Voltage -----------------------------------------------------------------------------------------
−0.3V to (VDD2 + 0.3V)
LX3 Pin Switch Voltage -----------------------------------------------------------------------------------------
−0.3V to (VDD3 + 0.3V)
CX Pin Switch Voltage ------------------------------------------------------------------------------------------
−0.3V to (VDDC + 0.3V)
Other I/O Pin Voltage --------------------------------------------------------------------------------------------
−0.3V to (VDDM + 0.3V)
Package Thermal Resistance
VQFN-32L 5x5,
θJA ----------------------------------------------------------------------------------------------- 34°C/W
Lead Temperature (Soldering, 10 sec.) ---------------------------------------------------------------------- 260
°C
Operation Temperature Range ---------------------------------------------------------------------------------
−40°C to 85°C
Junction Temperature Range ----------------------------------------------------------------------------------- 0
°C to 125°C
Storage Temperature Range -----------------------------------------------------------------------------------
−65°C to 150°C
ESD Susceptibility
HBM (Human Body Mode) ------------------------------------------------------------------------------------- 2kV
MM (Machine Mode) --------------------------------------------------------------------------------------------- 200V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com