Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT9902 Datasheet(PDF) 20 Page - Richtek Technology Corporation

Part # RT9902
Description  4 Channel DC/DC Converters IC with High-Efficiency Step-Up and Step-Down
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9902 Datasheet(HTML) 20 Page - Richtek Technology Corporation

Back Button RT9902 Datasheet HTML 13Page - Richtek Technology Corporation RT9902 Datasheet HTML 14Page - Richtek Technology Corporation RT9902 Datasheet HTML 15Page - Richtek Technology Corporation RT9902 Datasheet HTML 16Page - Richtek Technology Corporation RT9902 Datasheet HTML 17Page - Richtek Technology Corporation RT9902 Datasheet HTML 18Page - Richtek Technology Corporation RT9902 Datasheet HTML 19Page - Richtek Technology Corporation RT9902 Datasheet HTML 20Page - Richtek Technology Corporation RT9902 Datasheet HTML 21Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 20 / 21 page
background image
RT9902
Preliminary
20
DS9902-10 August 2007
www.richtek.com
Protection
Current Limit (CH2, CH3)
The current of high-side PMOS is sensed cycle by cycle
to prevent over current. If the current is higher than 1.5A
(typical), then the high-side PMOS is off and the low-side
NMOS is on. This state is latched and then reset
automatically at next clock cycle.
Under Voltage (CH2, CH3)
The status of under voltage is decided by comparing FB2
(or FB3) voltage with 0.4V. This function is enabled after
soft-start finishes. If the FB2 (or FB3) voltage is less than
0.4V, then the high/low-side power MOS are turned off
immediately. And this state is latched. After a dummy
count period, the CH2 (or CH3) begins a soft-start
procedure.
However, if the status of under voltage remains after 3
successive times of soft-start, then CH2 (or CH3) is
latched.
UV remain after 3
successive soft-start
How to reset?
CH2 CH2 is latched, and whole
IC is shut down
Toggle ENM
CH3 CH3 is latched
Toggle EN3 or ENM
Over Voltage Protection (CH2)
Over voltage protection (OVP) is used to protect the
external parts connected to the output of CH2. If the FB2
voltage is higher than 1V, the high-side PMOS is off and
low-side NMOS is on. This status is latched and could be
reset by toggling ENM.
Charge Pump DC/DC Converter
This is a low quiescent charge pump DC/DC converter,
which is enabled by ENM. Add a capacitor CX (~1nF)
between charge pump VOUT and CPFB to speed up charge
pump response time. Output ripple can be easily
suppressed by increasing the capacitance ratio of COUT
and CCP. This charge pump DC/DC converter can apply
to
μC stanby power or the gate driver power of IGBT for
photoflash, etc.
The maximum output current can be determined by CCP
and COUT ration. This equation would describe the
relationship.
IMAX = 2 x (VDDC-VF) x CCP x FCP
VF : Schottky diode forward voltage
Fpump : Charge pump maximum frequency is 500kHz
Recommand CCP
≤ 0.1μF.
Reference
The chip has an internal 0.8V reference voltage, which is
the inputs of the error amplifiers of the CH1, CH2, and
CH3 to compare the difference of feedback voltage. The
reference voltage can be set up stably when the supplied
power (VDDM) is above 1.5V, and EN1 (or EN2, EN3)
goes high.
Thermal Protection
Thermal protection function is integrated in the chip. When
the chip temperature is higher than 178
°C, the controllers
of CH1, CH2, and CH3 are shutdown. 10
°C is the
hysteresis range of temperature to prevent unstable
operation when the thermal protection happens. When
the thermal protection is relieved, the chip operates well
again.
VDDC
CX
CPFB
GND
V
BAT
C
CP
C
OUT
C
X
R1
R2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com