Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM6680 Datasheet(PDF) 15 Page - STMicroelectronics

Part # PM6680
Description  No Rsense dual step-down controller with adjustable voltages for notebook system power
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM6680 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button PM6680 Datasheet HTML 11Page - STMicroelectronics PM6680 Datasheet HTML 12Page - STMicroelectronics PM6680 Datasheet HTML 13Page - STMicroelectronics PM6680 Datasheet HTML 14Page - STMicroelectronics PM6680 Datasheet HTML 15Page - STMicroelectronics PM6680 Datasheet HTML 16Page - STMicroelectronics PM6680 Datasheet HTML 17Page - STMicroelectronics PM6680 Datasheet HTML 18Page - STMicroelectronics PM6680 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 49 page
background image
PM6680
Typical operating characteristics
15/49
5
Typical operating characteristics
FSEL = GND (200/300KHz), SKIP = GND (skip mode), V5SW = V5SW=EXT5V
(external 5V power supply connected), input voltage VIN = 12V, SHDN, EN1 and EN2 high,
OUT1 = 1.5V, OUT2 = 1.05V, no load unless specified)
Figure 3.
1.5V output efficiency vs
load current
Figure 4.
1.05V output efficiency vs
load current
Figure 5.
PWM no load input battery vs
input voltage
Figure 6.
Skip no load battery current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com