Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM6680 Datasheet(PDF) 40 Page - STMicroelectronics

Part # PM6680
Description  No Rsense dual step-down controller with adjustable voltages for notebook system power
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM6680 Datasheet(HTML) 40 Page - STMicroelectronics

Back Button PM6680 Datasheet HTML 36Page - STMicroelectronics PM6680 Datasheet HTML 37Page - STMicroelectronics PM6680 Datasheet HTML 38Page - STMicroelectronics PM6680 Datasheet HTML 39Page - STMicroelectronics PM6680 Datasheet HTML 40Page - STMicroelectronics PM6680 Datasheet HTML 41Page - STMicroelectronics PM6680 Datasheet HTML 42Page - STMicroelectronics PM6680 Datasheet HTML 43Page - STMicroelectronics PM6680 Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 49 page
background image
Device description
PM6680
40/49
R must be chosen in order to have enough ripple voltage on integrator input:
Equation 34
R1 can be selected as follows:
Equation 35
Example:
OUT1 = 1.5V, fSW = 290KHz, L = 2.5uH, Cout = 330uF with Rout 12mΩ.
We design RESR = 12mW. We choose CINT = 1nF by equations 30, 33 and Cfilt = 47pF,
RINT = 1KΩ by eq.27, 28. C = 5.6nF by Eq.34. Then R = 36KΩ (eq.35) and R1 = 3KΩ
(eq.36).
7.13.7
Other parts design
VIN filter
A VIN pin low pass filter is suggested to reduce switching noise. The low pass filter is
shown in the next figure:
Figure 38.
VIN pin filter
Typical components values are: R = 3.9
Ω and C = 4.7uF.
VCC filter
A VCC low pass filter helps to reject switching commutations noise:
C
R
L
R
ESR ×
=
Z
Z
f
C
1
R
f
C
1
R
1
R
×
π
×
⎟⎟
⎜⎜
×
π
×
×
=
V
VIIN
N
1
10
00
0p
pF
F
R
R
Input
voltage
C
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com