Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S70GL02GP Datasheet(PDF) 9 Page - SPANSION

Part # S70GL02GP
Description  2 Gigabit, 3.0 Volt-only Page Mode Flash Memory featuring 90 nm MirrorBit Process Technology
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S70GL02GP Datasheet(HTML) 9 Page - SPANSION

Back Button S70GL02GP Datasheet HTML 5Page - SPANSION S70GL02GP Datasheet HTML 6Page - SPANSION S70GL02GP Datasheet HTML 7Page - SPANSION S70GL02GP Datasheet HTML 8Page - SPANSION S70GL02GP Datasheet HTML 9Page - SPANSION S70GL02GP Datasheet HTML 10Page - SPANSION S70GL02GP Datasheet HTML 11Page - SPANSION S70GL02GP Datasheet HTML 12Page - SPANSION S70GL02GP Datasheet HTML 13Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
December 4, 2006 S70GL-P_00_01
S70GL-P MirrorBit
TM Flash Family
7
Da ta
Sh e e t
(Adv a n ce
In f o r m ation)
3.
Memory Map
The S70GL02GP consist of uniform 64 Kword (128 Kb) sectors organized as shown in Table 3.1.
Note
This table has been condensed to show sector-related information for an entire device on a single page. Sectors and their address ranges
that are not explicitly listed (such as SA001-SA1022) have sector starting and ending addresses that form the same pattern as all other
sectors of that size. For example, all 128 Kb sectors have the pattern xxx0000h-xxxFFFFh.
4.
Autoselect
Table 4.1 provides the device identification codes for the S70GL02GP. For more information on the
autoselect function, refer to the S29GL-P data sheet (pulication number S29GL-P_00).
5.
Erase And Programming Performance
Notes
1. Typical program and erase times assume the following conditions: 25°C, 3.6 V VCC, 10,000 cycles, checkerboard pattern.
2. Under worst case conditions of -40°C, VCC = 3.0 V, 100,000 cycles.
3. Effective write buffer specification is based upon a 32-word write buffer operation.
4. The typical chip programming time is considerably less than the maximum chip programming time listed, since most words program faster than the maximum
program times listed.
5. In the pre-programming step of the Embedded Erase algorithm, all bits are programmed to 00h before erasure.
6. System-level overhead is the time required to execute the two- or four-bus-cycle sequence for the program command.
Table 3.1 S70GL02GP Sector & Memory Address Map
Uniform Sector
Size
Sector
Count
Sector
Range
Address Range (16-bit)
Notes
64 Kword/128 Kb
2048
SA00
0000000h–000FFFFh
Sector Starting Address
:
:
SA2047
7FF0000H–7FFFFFFh
Sector Ending Address
Table 4.1 Autoselect Addresses in System
Description
Address
Read Data (word/byte mode)
Manufacturer ID
(Base) + 00h
xx01h/1h
Device ID, Word 1
(Base) + 01h
227Eh/7Eh
Device ID, Word 2
(Base) + 0Eh
2248h/48h
Device ID, Word 3
(Base) + 0Fh
2201h/01h
Secure Device Verify
(Base) + 03h
For S70GL02GPH: XX19h/19h = Not Factory Locked. XX99h/99h = Factory Locked.
For S70GL02GPL: XX09h/09h = Not Factory Locked. XX89h/89h = Factory Locked.
Sector Protect Verify
(SA) + 02h
xx01h/01h = Locked, xx00h/00h = Unlocked
Table 5.1 Erase And Programming Performance
Parameter
Typ
(Note 1)
Max
(Note 2)
Unit
Comments
Sector Erase Time
0.5
3.5
sec
Excludes 00h programming
prior to erasure (Note 5)
Chip Erase Time
S70GL02GP
1024
4096
sec
Total Write Buffer Time (Note 3)
480
µs
Excludes system level
overhead (Note 6)
Total Accelerated Write Buffer Programming Time
(Note 3)
432
µs
Chip Program Time (Note 4)
S70GL02GP
1968
sec



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com